Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 28 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 20Page - Analog Devices ADBMS6821 Datasheet HTML 21Page - Analog Devices ADBMS6821 Datasheet HTML 22Page - Analog Devices ADBMS6821 Datasheet HTML 23Page - Analog Devices ADBMS6821 Datasheet HTML 24Page - Analog Devices ADBMS6821 Datasheet HTML 25Page - Analog Devices ADBMS6821 Datasheet HTML 26Page - Analog Devices ADBMS6821 Datasheet HTML 27Page - Analog Devices ADBMS6821 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. B | 28 of 28
Updated: September 02, 2021
ORDERING GUIDE
Model 1, 2, 3, 4, 5
Temperature Range
Package Description
Packing Quantity
Package Option
ADBMS6821WCCSZ
−40°C to +125°C
32-Lead Plastic Side Solderable QFN (5 mm × 5 mm)
Tray, 490
05-08-7057
ADBMS6821WCCSZ-RL
−40°C to +125°C
32-Lead Plastic Side Solderable QFN (5 mm × 5 mm)
Reel, 5000
05-08-7057
ADBMS6822WCCSZ
−40°C to +125°C
32-Lead Plastic Side Solderable QFN (5 mm × 5 mm)
Tray, 490
05-08-7057
ADBMS6822WCCSZ-RL
−40°C to +125°C
32-Lead Plastic Side Solderable QFN (5 mm × 5 mm)
Reel, 5000
05-08-7057
ADBMS6821CCSZ
−40°C to +125°C
32-Lead Plastic Side Solderable QFN (5 mm × 5 mm)
Tray, 490
05-08-7057
ADBMS6821CCSZ-RL
−40°C to +125°C
32-Lead Plastic Side Solderable QFN (5 mm × 5 mm)
Reel, 5000
05-08-7057
ADBMS6822CCSZ
−40°C to +125°C
32-Lead Plastic Side Solderable QFN (5 mm × 5 mm)
Tray, 490
05-08-7057
ADBMS6822CCSZ-RL
−40°C to +125°C
32-Lead Plastic Side Solderable QFN (5 mm × 5 mm)
Reel, 5000
05-08-7057
1 W = Qualified for Automotive Applications.
2 C = Temperature Range = −40°C to +125°C.
3 CS = LFCSP-SS 64 Package.
4 Z = RoHS-Compliant Part.
5 RL = Tape and Reel.
EVALUATION BOARDS
Model1
Description
EVAL-ADBMS6822
Evaluation Board
1 Evaluation Board is a RoHS-Compliant Part.
AUTOMOTIVE PRODUCTS
The ADBMS6821W and ADBMS6822W models are available with controlled manufacturing to support the quality and reliability requirements
of automotive applications. Note that these automotive models may have specifications that differ from the commercial models, therefore,
designers must review the Specifications section of this data sheet carefully. Only the automotive-grade products shown are available for use
in automotive applications. For specific product ordering information and to obtain the specific Automotive Reliability reports for these models,
contact the local Analog Devices, Inc., account representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com