Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 5 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 5 Page - Analog Devices

  ADBMS6821 Datasheet HTML 1Page - Analog Devices ADBMS6821 Datasheet HTML 2Page - Analog Devices ADBMS6821 Datasheet HTML 3Page - Analog Devices ADBMS6821 Datasheet HTML 4Page - Analog Devices ADBMS6821 Datasheet HTML 5Page - Analog Devices ADBMS6821 Datasheet HTML 6Page - Analog Devices ADBMS6821 Datasheet HTML 7Page - Analog Devices ADBMS6821 Datasheet HTML 8Page - Analog Devices ADBMS6821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
SPECIFICATIONS
analog.com
Rev. B | 5 of 28
XCVRMD AND PHAPOL PIN SPECIFICATIONS
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 3. XCVRMD and PHAPOL Pin Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
XCVRMD
XCVRMD Pin to GND Resistance
RMD
Standard bidirectional mode
6
kΩ
LPCM
15
35
kΩ
4 Mbps unidirectional mode
65
120
kΩ
XCVRMD Pin Voltage
VMD
2 Mbps with 1-bit latency mode
VDDS − 0.3
V
PHAPOL
PHAPOL Pin to GND Resistance
RPP
Phase (PHA) = 0, polarity (POL) = 0
6
kΩ
PHA = 1, POL = 0
15
35
kΩ
PHA = 0, POL = 1
65
120
kΩ
PHAPOL Pin Voltage
VPP
PHA = 1, POL = 1
VDDS − 0.3
V
INTR AND WAKE PIN SPECIFICATIONS
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 4. INTR and WAKE Pin Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INTR AND WAKE
Pull-Up Current
IPU(WAKE/INTR)
INTR = 0 V, WAKE = 0 V
18
38
µA
Pull-Down Current
IPD(WAKE/INTR)
INTR = 2 V, WAKE = 2 V
13
33
µA
Pull-Up Voltage
VPU(WAKE/INTR)
VP = 12 V, VDD = 0 V at IPU(WAKE/INTR) = 15 µA
3
4.5
V
VP = 12 V, VDD = 3 V or 5 V at IPU(WAKE/INTR) = 15 µA
VDD – 1.5
VDD
V
DIGITAL PINS DC SPECIFICATIONS
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 5. Digital Pins DC Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL VOLTAGE
Input High
VIH
MSTR, PICO, POCI, SCK, CS
0.7 × VDDS
V
WAKE
1.4
V
Input Low
VIL
MSTR, PICO, POCI, SCK, CS
0.3 × VDDS
V
WAKE
0.5
V
Output High
VOH
Sourcing 4 mA
PICO, POCI, SCK, CS
VDDS − 0.25
V
Output Low
VOL
Sinking 4 mA
PICO, POCI, SCK, CS
0.25
V
DIGITAL OUTPUT PIN INTERNAL PULL-UP
RPU(DIG)
POCI pull-up to VDDS, MSTR = high, CS = high
0.5
1.5
MΩ
POCI
DIGITAL PIN LEAKAGE CURRENT
ILEAK(DIG) Pin voltage = VDDS = 5 V
1
µA
MSTR, PICO, POCI, SCK, CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com