Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 6 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 2Page - Analog Devices ADBMS6821 Datasheet HTML 3Page - Analog Devices ADBMS6821 Datasheet HTML 4Page - Analog Devices ADBMS6821 Datasheet HTML 5Page - Analog Devices ADBMS6821 Datasheet HTML 6Page - Analog Devices ADBMS6821 Datasheet HTML 7Page - Analog Devices ADBMS6821 Datasheet HTML 8Page - Analog Devices ADBMS6821 Datasheet HTML 9Page - Analog Devices ADBMS6821 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
SPECIFICATIONS
analog.com
Rev. B | 6 of 28
ISOSPI DC SPECIFICATIONS
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 6. isoSPI DC Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LEAKAGE CURRENTS
ILEAK(IP/IM)
0 V to 5 V, idle state
10
µA
COMMON-MODE VOLTAGE
VCM
TA = 25°C, IP/IM not driving
3.2
V
PIN RESISTANCE
RIN
Ready state, 0 V < IP voltage (VIP), IM voltage (VIM) < 5.5 V 100
kΩ
TRANSMITTER
Pulse Amplitude
VA
VA = |VIP − VIM|, termination resistance = 50 Ω
1
1.25
1.6
V
Drive Current
IDRV
VCM set by the driver
25
mA
RECEIVER THRESHOLD VOLTAGE
VRx
300
mV
ISOSPI IDLE/WAKE-UP SPECIFICATIONS
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 7. isoSPI Idle/Wake-Up Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
WAKE-UP
Differential Wake-Up Voltage
VWAKE
tDWELL ≥ 240 ns
400
mV
Dwell Time at VWAKE
tDWELL
VWAKE ≥ 400 mV
240
ns
Start-Up Time After Wake Detection
tREADY
10
µs
IDLE TIMEOUT DURATION
tIDLE
4.3
5.5
6.7
ms
READY STATE TO LISTEN STATE TIMEOUT
tLISTEN
MSTR = 0, XCVRMD = 20 kΩ
250
µs
TIMING SPECIFICATIONS
isoSPI Pulse Timing Specifications
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 8. isoSPI Pulse Timing Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CHIP SELECT
Half-Pulse Width
t½PW(CS)
Transmitter
120
150
180
ns
Signal Filter
tFILT(CS)
Receiver
70
90
110
ns
Pulse-Inversion Delay
tINV(CS)
Transmitter
120
155
190
ns
Valid-Pulse Window
tWNDW(CS)
Receiver
220
270
330
ns
Chip-Select Response Delay
tDEL(CS)
Receiver
140
190
ns
DATA
Half-Pulse Width
t½PW(D)
Transmitter
40
50
60
ns
Signal Filter
tFILT(D)
Receiver
10
20
30
ns
Pulse-Inversion Delay
tINV(D)
Transmitter
40
55
70
ns
Valid-Pulse Window
tWNDW(D)
Receiver
70
90
110
ns
Data-Response Delay
tDEL(D)
Receiver
75
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com