Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 9 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 5Page - Analog Devices ADBMS6821 Datasheet HTML 6Page - Analog Devices ADBMS6821 Datasheet HTML 7Page - Analog Devices ADBMS6821 Datasheet HTML 8Page - Analog Devices ADBMS6821 Datasheet HTML 9Page - Analog Devices ADBMS6821 Datasheet HTML 10Page - Analog Devices ADBMS6821 Datasheet HTML 11Page - Analog Devices ADBMS6821 Datasheet HTML 12Page - Analog Devices ADBMS6821 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 9 of 28
Figure 3. ADBMS6821 Pin Configuration
Table 15. ADBMS6821 Pin Function Descriptions
Pin Number
Mnemonic
Description
1
MSTR
SPI Mode Select. MSTR selects SPI controller mode (connected to VDDS) or peripheral mode (connected to GND).
2
PICO
SPI Controller Output (Controller Mode) or Peripheral Input (Peripheral Mode).
3
POCI
SPI Controller Input (Controller Mode) or Peripheral Output (Peripheral Mode).
4
SCK
SPI Clock Input (Controller) or Output (Peripheral).
5
CS
Active Low SPI Chip-Select Input (Controller Mode) or Output (Peripheral Mode).
6
VDDS
SPI Power-Supply Input (1.7 V to 5.5 V).
7
INTR
LPCM Interrupt Current-Limited Output.
8
WAKE
Device Wake-Up State Current-Limited Output or Input.
9
GND
Ground. The GND pins must be shorted together external to the IC.
10
IM
Isolated Interface Minus Input/Output.
11
IP
Isolated Interface Plus Input/Output.
12
VDD
isoSPI Power-Supply Input (3.0 V to 5.5 V).
13
VP
High Voltage Power-Supply Input (3.0 V to 30 V).
14
PHAPOL
Multilevel, Resistor Set SPI PHA/POL Selection Input.
15
RTO
Multilevel, Resistor Set LPCM Timeout Selection Input.
16
XCVRMD
Multilevel, Resistor Set Transceiver Mode Selection Input.
17 to 32
NIC
Not Internally Connected.
33
EP
Exposed Pad. Must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com