Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 19 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 15Page - Analog Devices ADBMS6821 Datasheet HTML 16Page - Analog Devices ADBMS6821 Datasheet HTML 17Page - Analog Devices ADBMS6821 Datasheet HTML 18Page - Analog Devices ADBMS6821 Datasheet HTML 19Page - Analog Devices ADBMS6821 Datasheet HTML 20Page - Analog Devices ADBMS6821 Datasheet HTML 21Page - Analog Devices ADBMS6821 Datasheet HTML 22Page - Analog Devices ADBMS6821 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
THEORY OF OPERATION
analog.com
Rev. B | 19 of 28
RECEIVER COMMON-MODE BIAS
When not transmitting, the output driver maintains IP and IM near
an internal bias voltage with a pair of RIN resistors to a voltage of
VCM. This weak bias network holds the outputs near their required
operating point without significantly loading the cable, which allows
transceivers to be paralleled without affecting signal amplitude.
When the transceiver is in the low-power idle mode, the bias
voltage is disconnected from the RIN resistors, which results in IP
and IM as a floating input.
Figure 37. Receiver Common-Mode Bias
SPI CONFIGURATION
The ADBMS6821/ADBMS6822 transceivers interface with a SPI
port on another device using four connections: CS, SCK, POCI,
and PICO. The transceiver can be configured to operate on the
controller end of a link (for example, connected to a microcontroller)
or on the peripheral end of a link (for example, connected to a
standalone analog-to-digital converter (ADC)). That operation is set
using the MSTR pin. In controller mode (MSTR = 1), CS, SCK, and
PICO are inputs and POCI is a push/pull output. In peripheral mode
(MSTR = 0), CS, SCK, and PICO are push/pull outputs and POCI is
an input.
The VDDS power supply pin is used for SPI input or output.
Connect VDDS to the same power supply that is used to power the
SPI port of the connected devices.
The POCI output of the transceiver is set to tristate and the output
is resistively pulled up to VDDS when in controller mode (MSTR =
1) and the SPI port is not selected (CS = 1). In this case, POCI
is pulled up to VDDS through an internal 1 MΩ resistor. Upon
activation or deactivation of the LPCM feature, the 1 MΩ resistor
mitigates the possibility of driving the POCI pin externally and
internally when switching between controller and peripheral mode.
SETTING CLOCK PHASE AND POLARITY
SPI devices often use one clock edge to latch data and the other
edge to shift data to avoid timing problems associated with clock
skew. SPI devices can be configured to idle SCK either high or low
and can also be configured to latch on either rising or falling clock
edge. The transceiver supports all four SPI phase/polarity operating
modes, configured by the PHAPOL pin.
The configuration of the PHAPOL pin is only detected and stored
in the memory after power-up of the VDDS pin. Changing the
PHAPOL pin configuration during operation does not affect SPI
phase/polarity operating mode. The initial detection of the PHAPOL
pin state does not occur while the transceiver is in the idle state.
Thus, upon first application of the VP or VDD supply, the transceiv-
er defaults to PHA = 1 and POL = 1 if the transceiver is left in the
idle state while the VDDS supply is applied. In this case, wake the
transceiver to the ready state to cause the PHAPOL pin state to be
detected. For more information, see the Idle Mode and Wake-Up
Detection section.
The four configuration settings for PHAPOL are shown in Table 20.
Table 20. PHAPOL SPI Modes
SPI Mode POL
PHA
Description
PHAPOL Pin
Connection
0
0
0
SCK idles low, latches on
rising (first) edge
GND
1
0
1
SCK idles low, latches on
falling (second) edge
20 kΩ resistor to
GND
2
1
0
SCK idles high, latches on
falling (first) edge
100 kΩ resistor to
GND
3
1
1
SCK idles high, latches on
rising (second) edge
VDDS
The two most common configurations are Mode 0 and Mode 3,
because these modes latch data on a rising clock edge. The
ADBMS battery monitors use SPI Mode 3.
TRANSCEIVER MODES
The ADBMS6821/ADBMS6822 transceivers have several modes
to allow enhanced capabilities with different system configurations.
The transceiver mode is set by the connection to the XCVRMD pin,
as shown in Table 21.
For communication with ADBMS battery monitors, one of the two
standard bidirectional isoSPI modes must be used. If the transceiv-
er is to be used as the timeout monitor in an ADBMS system with
LPCM capability, use the transceiver mode with timeout monitor
support.
The 4 Mbps unidirectional and 2 Mbps with 1-bit latency modes
do not work with ADBMS peripheral devices. They are intended
for communications between two microcontrollers or between a
microcontroller and non-BMS peripherals. Note that the transceiver
in controller mode (MSTR = 1) can be used to communicate
with the ADBMS stack monitor peripherals at 2 MHz even when
the XCVRMD pin connection is for standard bidirectional isoSPI
(connected to GND or 20 kΩ resistor to GND).
The configuration of the XCVRMD pin is checked upon the state
transition from IDLE to READY. Changing the XCVRMD pin config-
uration during operation does not affect the transceiver operating
mode without first returning to the IDLE state. The initial detection
of the XCVRMD pin state does not occur while the transceiver is in
the idle state. Thus, upon first application of the VP or VDD supply,
the transceiver defaults to standard bidirectional isoSPI with LPCM
timeout monitor support if the transceiver is left in the idle state
while the VDDS supply is applied. In this case, wake the transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com