Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 8 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 4Page - Analog Devices ADBMS6821 Datasheet HTML 5Page - Analog Devices ADBMS6821 Datasheet HTML 6Page - Analog Devices ADBMS6821 Datasheet HTML 7Page - Analog Devices ADBMS6821 Datasheet HTML 8Page - Analog Devices ADBMS6821 Datasheet HTML 9Page - Analog Devices ADBMS6821 Datasheet HTML 10Page - Analog Devices ADBMS6821 Datasheet HTML 11Page - Analog Devices ADBMS6821 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. B | 8 of 28
Unless otherwise specified, all pin names refer to both transceivers
on an ADBMS6822 with respect to the related power supply pins
(for example, CS2 relative to VDDS2).
Table 11. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage, Relative to GND
VDDS, VDD
−0.3 V to +6 V
VP
−0.3 V to +36 V
Input Voltage, Relative to GND
IP, IM
−5 V to +12 V
All other pins
−0.3 V to +6 V
Input Voltage, Relative to VDDS
CS, SCK, PICO, POCI, XCVRMD, PHAPOL
0.3 V
Current In and Out of Pins
IP, IM, VDD
60 mA
CS, SCK, PICO/POCI
20 mA
VDDS
40 mA
All Other Pins
10 mA
Temperature
Operating Junction Range (TJ)
−40°C to +125°C
Junction (TJMAX)
150°C
Storage Range
−65°C to +150°C
Lead (Soldering, 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction-
to-case thermal resistance.
Table 12. Thermal Resistance
Package Type1
θJA2
θJC
Unit
05-08-7057
44
7
°C/W
1 The exposed pad must be connected to the GND plane for proper thermal
management.
2 Board layout impacts thermal characteristics such as θJA.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADBMS6821
Table 13. ADBMS6821, 32-Lead LFCSP_SS
ESD Model
Withstand Voltage (V)
Class
HBM
2000
2
CDM
750
C4B
ESD Ratings for ADBMS6822
Table 14. ADBMS6822, 32-Lead LFCSP_SS
ESD Model
Withstand Voltage (V)
Class
HBM
2000
2
CDM
750
C4B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com