Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 7 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 3Page - Analog Devices ADBMS6821 Datasheet HTML 4Page - Analog Devices ADBMS6821 Datasheet HTML 5Page - Analog Devices ADBMS6821 Datasheet HTML 6Page - Analog Devices ADBMS6821 Datasheet HTML 7Page - Analog Devices ADBMS6821 Datasheet HTML 8Page - Analog Devices ADBMS6821 Datasheet HTML 9Page - Analog Devices ADBMS6821 Datasheet HTML 10Page - Analog Devices ADBMS6821 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
SPECIFICATIONS
analog.com
Rev. B | 7 of 28
SPI/isoSPI Timing Specifications (Controller)
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 9. SPI/isoSPI Timing Specifications (Controller)
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
tCLK
SCK period1
4 Mbps unidirectional mode
0.25
µs
All other transceiver modes
0.5
µs
t1
PICO setup time before SCK latching edge
25
ns
t2
PICO hold time after SCK latching edge
25
ns
t3
SCK low
tCLK = t3 + t4
50
ns
t4
SCK high
tCLK = t3 + t4
50
ns
t5
CS rising edge to CS falling edge
1
µs
t6
SCK latching edge to CS rising edge1
0.5
µs
t7
CS falling edge to SCK latching edge1
2 Mbps with 1-bit latency mode
0.5
µs
4 Mbps unidirectional mode
0.5
µs
Used with ADBMS stack monitor peripheral
0.5
µs
All other cases
1
µs
t8
SCK nonlatching edge to POCI valid
55
ns
t9
SCK latching edge to short ±1 transmit pulse
50
ns
t10
CS transition to long ±1 transmit pulse
55
ns
1 These timing specifications are dependent on the delay through the cable and include allowances for 50 ns of delay in each direction. A value of 50 ns corresponds to
10 meters of Category 5 cable (which has a velocity of propagation of 66% the speed of light). Use of longer cables require derating these specifications by the amount of
additional delay.
SPI/isoSPI Timing Specifications (Peripheral)
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 10. SPI/isoSPI Timing Specifications (Peripheral)
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
t12
isoSPI data recognized to SCK latching edge
4 Mbps unidirectional transceiver mode
50
75
100
ns
All other transceiver modes
85
125
165
ns
t13
SCK pulse width
4 Mbps unidirectional transceiver mode
50
75
100
ns
All other transceiver modes
85
125
165
ns
t14
SCK nonlatching edge to isoSPI data transmit
Standard bidirectional isoSPI transceiver mode
85
125
165
ns
SCK latching edge to isoSPI data transmit
2 Mbps with 1-bit latency transceiver mode
55
ns
t15
CS falling edge to SCK nonlatching edge
PHA = 1
80
120
156
ns
t16
CS falling edge to isoSPI data transmit
Standard bidirectional isoSPI transceiver mode
150
220
295
ns
t17
CS rising edge to SCK latching edge
PHA = 1
80
120
156
ns
t18
CS rising edge to PICO rising edge
35
ns
tRTN
Data return delay
Standard bidirectional isoSPI transceiver mode
315
430
545
ns
2 Mbps with 1-bit latency transceiver mode
145
195
240
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com