Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 16 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 12Page - Analog Devices ADBMS6821 Datasheet HTML 13Page - Analog Devices ADBMS6821 Datasheet HTML 14Page - Analog Devices ADBMS6821 Datasheet HTML 15Page - Analog Devices ADBMS6821 Datasheet HTML 16Page - Analog Devices ADBMS6821 Datasheet HTML 17Page - Analog Devices ADBMS6821 Datasheet HTML 18Page - Analog Devices ADBMS6821 Datasheet HTML 19Page - Analog Devices ADBMS6821 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
THEORY OF OPERATION
analog.com
Rev. B | 16 of 28
The ADBMS6821/ADBMS6822 transceivers create a bidirectional
isoSPI over a single twisted pair of wires, with increased safety
and noise immunity compared to a nonisolated interface. Using
capacitors or transformers, the transceiver translates standard SPI
signals (CS, SCK, PICO, and POCI) into pulses that can be sent
back and forth on twisted pair cables.
A typical battery management system (BMS) uses a transceiver
device that acts as a bridge between the microcontroller SPI port
and the isoSPI BMS monitors. The IP and IM transmitter/receiver
pins on the transceiver are connected across an isolation barrier to
the first BMS monitor in a daisy chain.
A typical non-BMS system uses two transceivers. The first is
paired with a microcontroller or other SPI controller. Its IP and IM
transmitter/receiver pins are connected across an isolation barrier
to a second transceiver that reproduces the SPI signals for use by
one or more peripheral devices.
The transmitter is a current-regulated differential driver. The voltage
amplitude is determined by the drive current and the equivalent
resistive load (cable characteristic impedance and termination re-
sistor, RM).
The receiver consists of a window comparator with a differential
voltage threshold of VRx. When VIP − V IM is greater than VRx, the
comparator detects a Logic 1. When VIP − VIM is less than −VRx (in
mV), the comparator detects a Logic −1. A Logic 0 (null) indicates
VIP − VIM is between the positive and negative thresholds.
The comparator outputs are sent to pulse timers (filters) that dis-
criminate between short and long pulses.
The ADBMS6822 (dual isoSPI transceiver) consists of two identical,
independent isoSPI transceivers. The ADBMS6822 functions as the
SPI to isoSPI bridge for both ends of a reversible isoSPI-capable
system.
ISOSPI PULSE DETAIL
The isoSPI transmitter can generate three voltage levels: +VA, 0
V, and −VA. To eliminate the DC signal component and enhance
reliability, isoSPI pulses are defined as symmetric pulse pairs. A +1
pulse pair is defined as a +VA pulse followed by a −VA pulse. A −1
pulse pair is −VA followed by +VA.
The duration of each pulse is defined as t1/2PW. The total isoSPI
pulse duration is 2 × t1/2PW. The transceiver allows two different
t1/2PW values so that four types of pulses can be transmitted, as
shown in Table 17.
Table 17. isoSPI Pulse Types
Pulse Type
First Level
Second Level
Ending Level
Long +1
+VA (150 ns)
−VA (150 ns)
0 V
Long −1
−VA (150 ns)
+VA (150 ns)
0 V
Short +1
+VA (50 ns)
−VA (50 ns)
0 V
Short −1
−VA (50 ns)
+VA (50 ns)
0 V
Long pulses are used to transmit CS changes. Short pulses trans-
mit data (PICO or POCI). The transceiver detects four types of
communication events from the SPI Controller: CS falling, CS
rising, SCK latching PICO = 0, and SCK latching PICO = 1. The
transceiver converts each event into one of the four pulse types, as
shown in Table 18.
Table 18. Controller Communication Events
SPI Controller Event
Transmitted Pulse
CS Rising
Long +1
CS Falling
Long −1
SCK Latching Edge, PICO = 1
Short +1
SCK Latching Edge, PICO = 0
Short −1
On the other side of the isolation barrier (that is, the other end
of the cable), another transceiver is configured to interface with
a SPI peripheral. This transceiver receives the transmitted pulses
and reconstructs the SPI signals on its output port, as shown in
Table 19. In addition, the peripheral device can transmit a return
data pulse to the controller to set the state of POCI. For additional
information, see the isoSPI Interaction and Timing section.
Table 19. Peripheral SPI Port Output
Received Pulse
SPI Port Action
Return Pulse
Long +1
Drive CS high
None
Long −1
Drive CS low
Short −1 pulse if POCI
= 0 (no return pulse if
POCI = 1)
Short +1
Set PICO = 1, pulse SCK
Short −1
Set PICO = 0, pulse SCK
A peripheral transceiver never transmits long CS pulses in regular
communication. However, it does transmit a long CS +1 pulse when
woken up by taking its WAKE pin high. For additional information,
see the WAKE Pin section. Furthermore, a peripheral only transmits
a short −1 pulse (when POCI = 0), never a short +1 pulse, which
allows multiple peripheral devices on a single cable without risk of
collisions (for additional information, see the Multidrop section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com