Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 10 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 6Page - Analog Devices ADBMS6821 Datasheet HTML 7Page - Analog Devices ADBMS6821 Datasheet HTML 8Page - Analog Devices ADBMS6821 Datasheet HTML 9Page - Analog Devices ADBMS6821 Datasheet HTML 10Page - Analog Devices ADBMS6821 Datasheet HTML 11Page - Analog Devices ADBMS6821 Datasheet HTML 12Page - Analog Devices ADBMS6821 Datasheet HTML 13Page - Analog Devices ADBMS6821 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 10 of 28
Figure 4. ADBMS6822 Pin Configuration
Table 16. ADBMS6822 Pin Function Descriptions
Pin Number
Mnemonic
Description
1, 25
MSTR, MSTR2
SPI Mode Select. These pins select SPI controller mode (MSTR connected to VDDS and MSTR2 connected to VDDS2)
or peripheral mode (MSTR and MSTR2 connected to GND).
2, 26
PICO, PICO2
SPI Controller Outputs (Controller Mode) or Peripheral Inputs (Peripheral Mode).
3, 27
POCI, POCI2
SPI Controller Inputs (Controller Mode) or Peripheral Outputs (Peripheral Mode).
4, 28
SCK, SCK2
SPI Clock Inputs (Controller) or Outputs (Peripheral).
5, 29
CS, CS2
Active Low SPI Chip-Select Inputs (Controller Mode) or Outputs (Peripheral Mode).
6, 30
VDDS, VDDS2
SPI Power-Supply Inputs (1.7 V to 5.5 V).
7, 31
INTR, INTR2
LPCM Interrupt Current-Limited Outputs.
8, 32
WAKE, WAKE2
Device Wake-Up State Current-Limited Outputs or Inputs.
9, 17
GND
Ground. The GND pins must be shorted together external to the IC.
10, 18
IM, IM2
Isolated Interface Minus Inputs/Outputs.
11, 19
IP, IP2
Isolated Interface Plus Inputs/Outputs.
12, 20
VDD, VDD2
isoSPI Power-Supply Inputs (3.0 V to 5.5 V).
13, 21
VP, VP2
High Voltage Power-Supply Inputs (3.0 V to 30 V).
14, 22
PHAPOL, PHAPOL2
Multilevel, Resistor Set SPI PHA/POL Selection Inputs.
15, 23
RTO, RTO2
Multilevel, Resistor Set LPCM Timeout Selection Inputs.
16, 24
XCVRMD, XCVRMD2
Multilevel, Resistor Set Transceiver Mode Selection Inputs.
33
EP
Exposed Pad. Must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com