Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 4 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 4 Page - Analog Devices

  ADBMS6821 Datasheet HTML 1Page - Analog Devices ADBMS6821 Datasheet HTML 2Page - Analog Devices ADBMS6821 Datasheet HTML 3Page - Analog Devices ADBMS6821 Datasheet HTML 4Page - Analog Devices ADBMS6821 Datasheet HTML 5Page - Analog Devices ADBMS6821 Datasheet HTML 6Page - Analog Devices ADBMS6821 Datasheet HTML 7Page - Analog Devices ADBMS6821 Datasheet HTML 8Page - Analog Devices ADBMS6821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
SPECIFICATIONS
analog.com
Rev. B | 4 of 28
POWER-SUPPLY SPECIFICATIONS
Operating junction temperature (TJ) = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 1. Power-Supply Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING RANGE
VDD
VDD
3.0
5.5
V
VDDS
VDDS
1.7
5.5
V
VP
VP
LPCM mode, VDD = 0 V
6
30
V
All other modes
3
30
V
SUPPLY CURRENT
VDD
IVDD(IDLE)
Idle state, VDD = 5 V
7
12
µA
IVDD(RDY)
Ready state, VDD = 5 V, not LPCM mode
2.4
3
mA
IVDD(RDY_LPCM)
Ready state, VDD = 5 V, LPCM mode
1.5
2
mA
IVDD(ACT)
Active state, SCK frequency (fSCK) = 2 MHz, VDD = 5 V
7.0
12
mA
VP
IVP(NOM)
VDD = 5 V, VP = 12 V
0.4
2
µA
IVP(LSTN)
VDD = 0 V, VP = 12 V, listen state, LPCM mode
7
16
µA
IVP(RDY_LPCM)
VDD = 0 V, VP = 12 V, ready state, LPCM mode
1.4
2
mA
VDD + VP
IVDD/VP(IDLE)
VDD = VP = 5 V, idle state
7
13
µA
IVDD/VP(LSTN)
LPCM mode, VDD = VP = 5 V, listen state
10
17
µA
IVDD/VP(RDY_LPCM)
LPCM mode, VDD = VP = 5 V, ready state
1.5
2
mA
VDDS
IVDDS(IDLE_LSTN)
Idle or listen state, VDDS = 5 V
0.5
4
µA
IVDDS(RDY_ACT)
Ready or active state, VDDS = 5 V
45
70
µA
LPCM TIMEOUT SPECIFICATIONS
TJ = −40°C to +125°C, VDDS = 3 V, VDD = VP = 5 V, unless otherwise noted.
Table 2. LPCM Timeout Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RTO PIN TO GND RESISTANCE
RRTO
1.5 sec typical timeout
0
0
10
kΩ
1.5 sec typical timeout
92
100
kΩ
3 sec typical timeout
15
17.8
22
kΩ
6 sec typical timeout
28
30.9
34
kΩ
12 sec typical timeout
41
43.2
46
kΩ
18 sec typical timeout
54
56.2
58
kΩ
24 sec typical timeout
67
68.1
71
kΩ
48 sec typical timeout
79
80.6
83
kΩ
LPCM TIMEOUT
tLPCM
Relative error to typical timeout
−10
+10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com