Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 24 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 20Page - Analog Devices ADBMS6821 Datasheet HTML 21Page - Analog Devices ADBMS6821 Datasheet HTML 22Page - Analog Devices ADBMS6821 Datasheet HTML 23Page - Analog Devices ADBMS6821 Datasheet HTML 24Page - Analog Devices ADBMS6821 Datasheet HTML 25Page - Analog Devices ADBMS6821 Datasheet HTML 26Page - Analog Devices ADBMS6821 Datasheet HTML 27Page - Analog Devices ADBMS6821 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
THEORY OF OPERATION
analog.com
Rev. B | 24 of 28
LPCM HEARTBEAT MESSAGES
The LPCM feature uses messaging between the battery monitor
devices and the timeout monitor to communicate the monitoring
status. The heartbeat message contains device count information
about the number of devices reporting passing conditions, as well
as a field of flags that indicate the types of failing conditions that
can be detected. It is sent as a 64-bit message containing a
command with a packet error check (PEC) code and data with its
own PEC code. The usage of the PEC values protects against
communication faults.
The first 32 bits contain a command and PEC, which identify
the communication as a heartbeat. Any other value is ignored by
the timeout monitor without being recognized as either a pass
heartbeat or as a fail heartbeat. A pass or fail heartbeat can only be
recognized if the first 32 bits match exactly.
The subsequent 32 bits of the message represents 16 bits of the
device count and flag data and 16 bits of PEC code. If a heartbeat
command has been recognized, this 32-bit data portion is detected
as either a pass or as a fail message. A single 32-bit value is
recognized as a pass message. For any other 32-bit value, or if
the total communication length is not exactly 64 bits long, then the
timeout monitor recognizes this as a fail heartbeat and immediately
asserts the INTR pin high without waiting for the timeout value to
elapse.
Table 24 and Table 25 show the contents of a pass heartbeat
message. Note that, unlike other communication in a BMS daisy
chain, the heartbeat message is initiated by the battery monitors
instead of being initiated by the microcontroller.
Table 24. Heartbeat Command and PEC Value
Byte1
Value
HBC0
0x00
HBC1
0x43
HBC2
0x47
HBC3
0xB2
1 HBC0 and HBC1 represent the heartbeat command. HBC2 and HBC3 repre-
sent the PEC.
Table 25. Heartbeat Data and PEC Value
Byte1
Value
HBD0
0x42
HBD1
0x00
HBD2
0x03
HBD3
0x94
1 HBD0 and HBD1 represent the heartbeat data. HBD2 and HBD3 represent the
PEC.
LPCM EXPANDED STATE DIAGRAM
Figure 42 shows the expanded state diagram for the ADBMS6821/
ADBMS6822 transceivers when they are set up to work as an
LPCM timeout monitor, that is, when configured as a peripheral
(MSTR connected to GND) with the LPCM timeout monitor function
enabled (XCVRMD pin has 20 kΩ to GND). When compared to the
isoSPI state diagram shown in Figure 38, Figure 42 includes an
extra state named listen.
When in the listen state, the transceiver works as an LPCM timeout
monitor. Note that the time it takes for the transceiver to enter the
listen state from the ready state when there is no isoSPI activity is
tLISTEN. tLISTEN reduces the average power consumption during the
LPCM timeout monitor operation.
Figure 42. LPCM Expanded State Diagram
LPCM SUPPLY CURRENT CONSUMPTION
When the ADBMS6821/ADBMS6822 transceivers are configured
as an LPCM timeout monitor, they stay in the listen state for most
of the time. When a transceiver receives the heartbeat message,
it enters the ready state and the isoSPI receiver wakes. After the
heartbeat message is received, the transceiver goes back to the lis-
ten state after tLISTEN. The average power consumption, therefore,
depends on the heartbeat period that the BMS stack monitors use
during the LPCM operation.
When the transceiver enters the ready state, the supply current
increases to a value of IVDD/VP(RDY_LPCM). Note that this is lower
than the ready state current in regular non LPCM operation.
The instantaneous current consumption for a chosen heartbeat
period is broken up as follows:
►
IVDD/VP(RDY_LPCM) for the duration of the heartbeat message
(which, in a typical application, is ~700 µs) and the tLISTEN time
(typically ≈ 250 μs). The total time is approximately 1 ms.
►
IVP(LSTN) for the rest of the heartbeat period.
In a typical application, when the transceiver is configured as an
LPCM timeout monitor, VDD is expected to be 0 V during the
timeout monitor operation, and the device is powered only using the
battery power supplied to the VP pin. The average supply current
consumption for a timeout period is therefore as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com