Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6821 Datasheet(PDF) 17 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 13Page - Analog Devices ADBMS6821 Datasheet HTML 14Page - Analog Devices ADBMS6821 Datasheet HTML 15Page - Analog Devices ADBMS6821 Datasheet HTML 16Page - Analog Devices ADBMS6821 Datasheet HTML 17Page - Analog Devices ADBMS6821 Datasheet HTML 18Page - Analog Devices ADBMS6821 Datasheet HTML 19Page - Analog Devices ADBMS6821 Datasheet HTML 20Page - Analog Devices ADBMS6821 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
THEORY OF OPERATION
analog.com
Rev. B | 17 of 28
Figure 34. isoSPI Differential Pulse Detail
ISOSPI PULSE SPECIFICATIONS
Figure 34 shows the timing specifications for the +1 and −1 isoSPI
pulses. The same timing specifications apply to either version of
these symmetric pulses. In the isoSPI Pulse Timing Specifications
section, these specifications are further separated into CS (long)
and data (short) parameters.
A valid pulse must meet the minimum specification for t1/2PW and
the maximum specification for tINV. In other words, the half-pulse
width must be long enough to pass through the appropriate pulse
timer, but short enough for the inversion to begin within the valid
window of time. The response observed at PICO, POCI, or CS
occurs after the tDEL delay from the pulse inversion.
ISOSPI INTERACTION AND TIMING
The timing diagrams in Figure 35 and Figure 36 show how an
isoSPI in controller mode (connected to a SPI controller) interacts
with an isoSPI in peripheral mode (connected to a SPI peripheral).
Figure 35 shows the operation with PHA = 0 (and shows SCK
signals for POL = 0 or 1). Figure 36 shows the timing diagram for
PHA = 1. Although not shown, it is acceptable to use different SPI
modes (PHA and POL settings) on the controller and peripheral
devices.
A controller SPI device initiates communication by lowering CS.
The ADBMS6821/ADBMS6822 transceivers convert this transition
into a long −1 pulse on the IP and IM pins. The pulse traverses the
isolation barrier (with an associated cable delay) and arrives at the
IP and IM pins of the peripheral transceiver. When validated, the
long −1 pulse is converted back into a falling CS transition, this time
supplied to the peripheral SPI device. If peripheral PHA = 1, SCK
also leaves the idle state at this time.
Before the controller SPI device supplies the first latching clock
edge (usually a rising edge, but for exceptions, see Table 20), the
peripheral transceiver must transmit the initial peripheral data bit,
SN. The value of the SN is determined by sampling the state of
POCI.
If POCI = 0, the peripheral transmits a short −1 pulse to the control-
ler. The controller transceiver receives and decodes the pulse and
sets the controller POCI = 0 (matching the peripheral). However, if
the peripheral POCI = 1, the peripheral does not transmit a pulse.
The controller interprets this null response as a 1 and sets the
controller POCI = 1. This behavior makes it possible to connect
multiple peripheral transceiver devices to a single cable with no
conflicting signals (for more information, see the Multidrop section).
After the falling CS sequence, every latching clock edge on the
controller converts the state of the PICO pin into an isoSPI data
pulse (MN, MN − 1, … M0) while simultaneously latching the data
bit of the peripheral. As the peripheral transceiver receives each
data bit, it sets the peripheral PICO pin to the proper state and
then generates an SCK pulse before returning the POCI data of the
peripheral (either as a short −1 pulse, or as a null).
At the end of communication, the final data bit sent by the periph-
eral (either as a pulse or null) is ignored by the controller. The
peripheral transceiver must return a data bit because it cannot
predict when communications cease. The controller SPI device can
then raise CS, which is transmitted to the peripheral in the form of
a long +1 pulse. The process ends with the peripheral transceiver
transitioning CS high and returning SCK to the idle state (if PHA =
1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com