Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 12Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 13Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 14Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 15Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 16Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 17Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 18Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 19Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
ASIX ELECTRONICS CORPORATION
16
AX88196BLF
4.2 Buffer Management Operation
There are four buffer memory access types used in AX88196B.
1.
Packet Reception (Write data to memory from MAC)
2.
Packet Transmission (Read data from memory to MAC)
3.
Filling Packets to Transmit Buffer (Host fill data to memory)
4.
Removing Packets from the Receive Buffer Ring (Host read data from memory)
The type 1 and 2 operations act as Local DMA. Type 1 does Local DMA write operation and type 2 does Local
DMA read operation. The type 3 and 4 operations act as Remote DMA. Type 3 does Remote DMA write operation
and type 4 does Remote DMA read operation.
4.2.1 Packet Reception
The Local DMA receives channel uses a Buffer Ring Structure comprised of a series of contiguous fixed length 256
byte (128 word) buffers for storage of received packets. The location of the Receive Buffer Ring is programmed in
two registers, a Page Start and a Page Stop Register. Ethernet packets consist of minimum packet size (64 bytes) to
maximum packet size (1522 bytes), the 256 byte buffer length provides a good compromise between short packets
and longer packets to most efficiently use memory. In addition these buffers provide memory resources for storage
of back-to-back packets in loaded networks. Buffer Management Logic in the AX88196B controls the assignment
of buffers for storing packets. The Buffer Management Logic provides three basic functions: linking receive buffers
for long packets, recovery of buffers when a packet is rejected, and recalculation of buffer pages that have been read
by the host.
At initialization, a portion of the 16k byte (or 8k word) address space is reserved for the receiver buffer ring. Two
eight bit registers, the Page Start Address Register (PSTART) and the Page Stop Address Register (PSTOP) define
the physical boundaries of where the buffers reside. The AX88196B treats the list of buffers as a logical ring;
whenever the DMA address reaches the Page Stop Address, the DMA is reset to the Page Start Address.
Buffer #1
Buffer #2
Buffer #3
…
…
…
…
Buffer #n
Physical Memory Map
Logic Receive Buffer Ring
Fig - 4 Receive Buffer Ring
4000h
8000h
Page Start
Page Stop
1
2
3
4
…
n-2
n-1
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com