Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 65 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 65 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 61Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 62Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 63Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 64Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 65Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 66Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 67Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 68Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 69Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
ASIX ELECTRONICS CORPORATION
65
AX88196BLF
7.3.2 Power Consumption
Device only
Power measurements base on 3.3V/25 °C condition.
Item
Symbol
Operating at
10BASE-T
Operating at
100BASE-TX
PHY power
down
D2 power
saving
Units
1
VCC3IO
10
10
8
0.04
mA
2
VCC3A3
20
20
16
0
mA
3
VCC3R3 (include VCCK,
VCC18A)
20
88
17
0.2
mA
50
118
41
0.24
mA
4
VCC3IO + VCC3A3 + VCC3R3
165
390
135
0.8
mW
Device only and internal PHY power down but enable MII to co-work with external PHY.
Power measurements base on 3.3V/25 °C condition. And set MR0 bit-11 (power down) to force internal PHY to
power-down but enable MII for connecting to external PHY.
Item
Symbol
Operating at
MII 10BASE-T
Operating at MII
100BASE-TX
D2 power
saving
Units
1
VCC3IO
10
10
0.04
mA
2
VCC3A3
16
16
0
mA
3
VCC3R3 (include VCCK,
VCC18A)
16
17
0.2
mA
42
43
0.24
mA
4
VCC3IO + VCC3A3 + VCC3R3
139
142
0.8
mW
MDIO
MDC
CRS
COL
C16
0.1uF
C17
0.1uF
U2
93C46
CS
1
SK
2
DI
3
DO
4
GND
5
NC
6
NC
7
VCC
8
RESETn
R4
4.7K
C13
0.1uF
C18
0.1uF
Y1
25.000MHZ
R2
1M
IRQ
C1
C15
0.1uF
C2
C7
0.1uF
L3
F.B.
PME
C10
0.1uF
C12
10uF
C19
10uF
C6
0.1uF
C5
10uF
R3
12.1K 1%
J1
HEADER 1
C21
0.1uF
R1
4.7K
C8
0.1uF
PHY
C11
0.1uF
C20
0.1uF
C14
0.1uF
C9
10uF
L2
F.B.
L1
F.B.
L4
F.B.
+ C4
22uF/16V
R5
4.7K
CSn
RDn
WRn
IRQ
PME
RESETn
SA[0..4]
SD[0..15]
VCC33
GND
VCC33
VCC33
VCC18
VCC18
VCC33
VCC33
VCC3A3
VCC18A
VCC3IO
VCC3R3
VCC33
EECS
EECK
EEDIO
EEDIO
OPTION
VCC33
RESETn
GND
EEDIO
EECK
EECS
PME
IRQ
VCC18
VCC3IO
GND
GND
SD15
SD14
SD13
SD12
SD11
SD10
SD9
SD8
GND
VCC18A
VCC18
GND
WRn
RDn
CSn
SA0
SA1
SA2
AEN
RXD0
RXD1
RXD2
RXD3
FULL
CRS
COL
GND
VCC33
C3
0.1uF
RESETn
AX88196BLF
ASIX
U1
AX88196BLF
SA2
76
SA1
77
NC
78
SA0
79
NC
80
AEN,PSEN
81
NC
82
CSn
83
NC
84
RDn
85
WRn
86
IOIS16
87
TCLK
88
TEST_CK_EN
89
GND
90
NC
91
VCCK
92
NC
93
VCC18A
94
NC
95
XTALIN
96
NC
97
XTALOUT
98
NC
99
GND18A
100
SD8
50
SD9
49
SD10
48
SD11
47
SD12
46
SD13
45
SD14
44
SD15
43
CRS
42
COL
41
GND
40
VCC3IO
39
VCCK
38
IREQ
37
PME
36
EECS
35
EECK
34
EEDIO
33
RXD0
32
RXD1
31
RXD2
30
RXD3
29
GND
28
RSTn
27
I_FULL/COL
26
RXD0
RXD1
RXD2
RXD3
TXEN
TXCLK
TXD0
TXD1
TXD2
TXD3
RXCLK
RXDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com