Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 27Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 28Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 29Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 30Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 31Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 32Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 33Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 34Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
ASIX ELECTRONICS CORPORATION
31
AX88196BLF
5.0 Registers Operation
5.1 MAC Control and Status Registers (CSR)
All registers of MAC Core are 8-bit wide except data port (DP). Data Port is optional 8 or 16-bit wide by WTS
(DCR). Offset 01h to 0Fh mapped into pages, which are selected by PS (Page Select) in the Command Register.
Offset
Page0
Page1
Page2
Page3
00H
Command Register (CR)
01H
02H
03H
04H
05H
06H
07H
08H
09H
0AH
0BH
0CH
0DH
0EH
0FH
10H, 11H
Data Port (DP)
12H
Inter-frame Gap Segment 1 (IFGS1)
13H
Inter-frame Gap Segment 2 (IFGS2)
14H
MII/EEPROM Access
15H
Buffer Type Configure Register (BTCR)
16H
Inter-frame Gap (IFG)
17H
Device Status Register (DSR) / Back-pressure Jam Limit Count (BJLC)
18H
Max Frame Size [7:0]
19H
Max Frame Size [11:8]
1AH
Flow Control Register (FCR)
1BH
MAC Configure Register (MCR)
1CH
Current TX End Page Register (CTEPR) / VLAN_ID_0
1DH
Reserved / VLAN_ID_1
1EH
Reserved / Big-Endian Register (BER)
1FH
Software Reset / Host Wake up (HWAKE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com