Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 74 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 74 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 70Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 71Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 72Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 73Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 74Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 75Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 76Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 77Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 78Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
ASIX ELECTRONICS CORPORATION
74
AX88196BLF
7.4.5 Burst Reads Access Timing
Burst read access is enabled when set FIFO_SEL(SA5) is driven high during a read access. This is normally
accomplished by connecting the FIFO_SEL(SA5) signal to a high-order address line. This mode is useful when
the host processor must increment its address when accessing the AX88196B.
In this mode, performance is improved by allowing an unlimited number of back-to-back WORDS read cycles.
AX88196B base on SA0 or SA1 address toggles to identify WORD access cycle time. Host can set burst cycle
base on SA0 or SA1 toggle by BCB1 (CR page3 Offset 0Dh).
Tdoff
Tdoh
Tadv
Tadv
Tadv
Tdv
Tdon
Trdh
Trdh
Tah
Tas u
Tacyc
Tacyc
Tacy c
Tacy c
Tacyc
Tacyc
FIFO_SEL(SA5)
SA1 or SA0
CSn, RDn
SD[15:0]
Symbol
Description
Min
Typ.
Max
Units
Tasu
ADDRESS SETUP TIME
0
-
-
ns
Tah
ADDRESS HOLD TIME
0
-
-
ns
Tdv
DATA VALID TIME FROM RDn
-
-
33*
1
35*
2
ns
Tadv
DATA VALID TIME FROM ADDRESS
33*
1
35*
2
ns
Tdoh
DATA OUTPUT HOLD TIME
0
-
-
ns
Trdh
RDn HI REQUIRE TIME
13
-
-
ns
Tacyc
READ CYCLE TIME
48
ns
Tdon
DATA BUFFER TURN ON
0
ns
Tdoff
DATA BUFFER TURN OFF
7
ns
*
1 : Base on SD bus output load 25pF
*
2 : Base on SD bus output load 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com