Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 49 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 49 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 45Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 46Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 47Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 48Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 49Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 50Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 51Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 52Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 53Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
ASIX ELECTRONICS CORPORATION
49
AX88196BLF
5.1.56 Power Management Register (PMR)
Page3 Offset 0BH (Read/Write)
Field
Name
Description (Default = 00h)
7:5
-
Reserved
4
REGSTB
0: Regulator in normal mode (Default)
1: Regulator in standby mode
3:2
-
Reserved
1:0
PMM
Power Management Mode, Self clear when wake-up
00: Normal Operation (Default)
01: D1 power saving. Supported Link status change, Wake-up and Magic frame for
remote wake-up
10: D2 power saving. Only write host wake-up register (offset 1Fh) to leave D2 state.
11: Reserved. Do not set this mode.
5.1.57 Reload EEPROM Register (REER)
Page3 Offset 0CH (Write)
Field
Name
Description
7:1
-
Reserved
0
REER
Reload EEPROM
Host set this bit to active reload EEPROM process. And it will auto clear by it self.
5.1.58 Misc. Control Register (MISC)
Page3 Offset 0DH (Write/Read)
Field
Name
Description (Default = 00h)
7:3
-
Reserved
2
GPTE
General Purpose Timer Enable
0: Disable (Default)
1: Enable
1
BCB1
Burst Cycle Base On SA1 or SA0
0: Base on SA0 (Default)
1: Base on SA1
0
TBR
Transmit Buffer Ring Enable
0: Remote DMA write can write any where of embedded memory. (Default)
1: Remote DMA write transmit buffer as a Ring from page 40h to PSTART –1.
5.1.59 General Purpose Timer0 Register (GPT0)
Page3 Offset 0EH (Write/Read)
Field
Name
Description (Default = FFh)
7:0
-
General Purpose Timer [7:0]
5.1.60 General Purpose Timer1 Register (GPT1)
Page3 Offset 0FH (Write/Read)
Field
Name
Description (Default = FFh)
7:0
-
General Purpose Timer [15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com