Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 60 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 60 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 56Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 57Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 58Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 59Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 60Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 61Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 62Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 63Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 64Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
ASIX ELECTRONICS CORPORATION
60
AX88196BLF
5.2.6 MR6 – Autonegotiation Expansion Register
Field
Type
Description (Default = 0000h)
6.15:5 (RESERVED)
0, RO
Reserved.
Write as 0, read as “don’t care”
6.4
(PAR_DET_FAULT)
0, RO / LH Parallel Detection Fault.
1 = Fault detected via the parallel detection function
0 = No fault detected
6.3
(LP_NEXT_PAGE_AB
LE)
0, RO
Link Partner Next Page Able.
1 = Link partner is next page able
0 = Link partner is not next page able
6.2
(NEXT_PAGE_ABLE)
0, RO / PS Next Page Able.
0 = PHY is not next page able
6.1 (PAGE_REC)
0, RO / LH Page Received.
1 = New page received
0 = New page not received
6.0
(LP_NWAY_ABLE)
0, RO
Link Partner Autonegotiation Capable.
1 = Link partner auto-negotiation supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com