Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 32Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 33Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 34Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 35Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 36Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 37Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 38Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 39Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 40Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
ASIX ELECTRONICS CORPORATION
36
AX88196BLF
5.1.1 Command Register (CR)
Offset 00H (Read/Write)
Field
Name
Description (Default = 21h)
7:6
PS1, PS0 PS1, PS0: Page Select
The two bits select which register’s page is to be accessed.
It will be reset to default value when set PMR to D1 to D2 sleep state.
PS1
PS0
0
0
page 0 (default)
0
1
page 1
1
0
page 2
1
1
page 3
5:3
RD2,
RD1,
RD0
RD2, RD1, RD0: Remote DMA Command
These three encoded bits control operation of the Remote DMA channel. RD2 could be set
to abort any Remote DMA command in process. RD2 is reset by AX88196B when a
Remote DMA has been completed. The Remote Byte Count should be cleared when a
Remote DMA has been aborted. The Remote Start Address is not restored to the starting
address if the Remote DMA is aborted.
It will be reset to default value when set PMR to D1 to D2 sleep state.
RD2
RD1
RD0
0
0
0
Not allowed
0
0
1
Remote Read
0
1
0
Remote Write
0
1
1
Not allowed
1
X
X
Abort / Complete Remote DMA (default)
2
TXP
TXP: Transmit Packet
This bit could be set to initiate transmission of a packet
1
START
START:
This bit is used to active AX88196B operation.
This bit always read high when Host set once. It only clear by hardware or software reset.
0
STOP
STOP: Stop AX88196B
This bit is used to stop the AX88196B operation.
It will be reset to default value when set PMR to D1 to D2 sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com