Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 69 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 69 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 65Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 66Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 67Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 68Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 69Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 70Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 71Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 72Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 73Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
ASIX ELECTRONICS CORPORATION
69
AX88196BLF
(2) Write cycle:
Toffis1 6
Tonis16
Tdh
Tds
Tcycle
Twrh
Twrh
Twrl
Tah
Tcycle
Twrl
Tasu
CSn, SA[5:0]
WRn
SD[15:0]
IOIS16
Symbol
Description
Min
Typ.
Max
Units
Tasu
ADDRESS SETUP TIME
0
-
-
ns
Tah
ADDRESS HOLD TIME
0
ns
Tonis16
IOIS16n VALID FROM SA[5:0], CSn AND AEN
-
-
11
ns
Toffis16
IOIS16n DISABLE FROM SA[5:0], CSn AND AEN
-
-
6
ns
Tds
DATA STABLE TIME
-
-
15
ns
Tdh
DATA HOLD TIME
0
-
-
ns
Twrl
WRn WIDTH TIME
45
-
-
ns
Twrh
WRn HI REQUIRE TIME
13
-
-
ns
Tcycle
WRITE CYCLE TIME
48
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com