Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 82 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 82 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 78Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 79Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 80Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 81Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 82Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 83Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 84Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 85Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 86Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
ASIX ELECTRONICS CORPORATION
82
AX88196BLF
30
Offset 19
Offset 18
18
30
no effect
To Offset 18
18
32
Offset 19
Offset 19
19
32
no effect
To Offset 19
19
34
Offset 1B
Offset 1A
1A
34
no effect
To Offset 1A 1A
36
Offset 1B
Offset 1B
1B
36
no effect
To Offset 1B 1B
38
Offset 1D
Offset 1C
1C
38
no effect
To Offset 1C 1C
3A
Offset 1D
Offset 1D
1D
3A
no effect
To Offset 1D 1D
3C
No effect
Offset 1E
1E
3C
no effect
To Offset 1E 1E
3E
(Reset) *1
(Reset) *1
1F
3E
no effect
To Offset 1F 1F
40 ~7FF
No used
No used
No used
40 ~7FF
No used
No used
No used
800 ~ FFF
(DP)
(DP)
10 (DP)
800 ~ FFF
(DP)
(DP)
10 (DP)
*1 Read offset 1Fh register will reset AX88196B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com