Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 56 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 56 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 52Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 53Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 54Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 55Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 56Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 57Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 58Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 59Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 60Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
ASIX ELECTRONICS CORPORATION
56
AX88196BLF
5.2.1 MR0 -- Control Register Bit Descriptions
Field
Type
Description (Default = 3100h)
0.15 (SW_RESET)
0, RW / SC 1 = Software reset
0 = Normal operation
0.14 (LOOPBACK)
0, RW
1 = Loop-back enabled
0 = Normal operation
0.13(SPEED100)
1, RW
1 = 100Mbits/s
0 = 10Mbits/s
0.12 (NWAY_ENA)
1, RW
1 = Auto negotiation enabled. Bits 8 and 13 of this register are ignored
when this bit is set.
0 = Auto negotiation disabled. Bits 8 and 13 of this register determine the
link speed and mode.
0.11 (POWER DOWN) 0, RW
1 = Power down
0 = Normal operation
0.10 (ISOLATE)
0, R/W
1 = Isolate
0 = Normal operation
0.9 (REDONWAY)
0, RW / SC Restart Autonegotiation.
1 = Restart auto negotiation
0 = Normal operation
0.8 (FULL_DUP)
1, RW
Duplex Mode.
1 = Full duplex operation
0 = Normal operation
0.7 (COLTST)
0, RW
Collision Test.
1 = Collision test enabled
0 = Normal operation
0.6:0 (RESERVED)
X, RO
Reserved.
Write as 0, read as “don’t care”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com