Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 64 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 64 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 60Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 61Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 62Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 63Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 64Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 65Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 66Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 67Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 68Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
ASIX ELECTRONICS CORPORATION
64
AX88196BLF
7.0 Electrical Specification and Timings
7.1 Absolute Maximum Ratings
Description
Rating
Units
VCCK (Core power supply)
-0.3 to 2.16
V
VCCIO (power supply for 3.3V I/O)
-0.3 to 4.0
V
VCCIO (Input voltage of 3.3V I/O with 5V tolerance)
-0.3 to 5.8
V
Storage Temperature
-65 to 150
°C
IIN (D
C input current)
20
mA
IOUT (Output short circuit current)
20
mA
7.2 General Operation Conditions
Description
Symbol
Min
Typ
Max
Units
Operating Temperature
Ta
0
70
°C
Junction Temperature
Tj
-40
+25
+125
°C
Supply Voltage for core (VCCK, VCC18A)
Vcc18
+1.62
+1.8
+1.98
V
Supply Voltage (VCC3A3, VCC3IO, VCC3R3)
Vcc3
+2.97
+3.30
+3.63
V
10BASE-T operation
VCC3IO + VCC3A3 (3.3V)
-
-
32
VCCK + VCC18A
(1.8V)
-
-
20
mA
100BASE-TX operation
VCC3IO + VCC3A3 (3.3V)
-
-
32
VCCK + VCC18A
(1.8V)
-
-
88
mA
PHY power down
VCC3IO + VCC3A3 (3.3V)
-
-
24
VCCK + VCC18A
(1.8V)
-
-
17
mA
D2 power saving mode
VCC3IO + VCC3A3 (3.3V)
-
-
0.04
VCCK + VCC18A
(1.8V)
-
-
0.26
mA
Thermal Characteristics
Description
Symbol
Rating
Units
Thermal resistance of junction to case
ΘJC
19.92
°C/W
Thermal resistance of junction to ambient
ΘJA
51.24
°C/W
7.3 DC Characteristics
7.3.1 DC Characteristics of 3.3V with 5V Tolerance
Description
Symbol
Min
Typ
Max
Units
Low Input Voltage
Vil
-
0.8
V
High Input Voltage
Vih
2.0
-
V
Low Output Voltage
Vol
-
0.4
V
High Output Voltage
Voh
2.4
-
V
Switch threshold
Vt
1.5
V
Schmitt trigger negative going threshold voltage
Vt-
0.8
1.1
V
Schmitt trigger positive going threshold voltage
Vt+
1.6
2.0
V
Input pull-up resistance
Rpu
40
75
190
KΩ
Input pull-down resistance
Rpd
40
75
190
KΩ
-10
±1
10
uA
with pull-up resistance (Vin=0)
-15
-45
-85
uA
Input Leakage
Current
with pull-down
resistance(Vin=VCC3I)
Iin
15
45
85
uA
Tri-state Output Leakage Current
Ioz
-10
±1
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com