Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196BLF Datasheet(PDF) 55 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 55 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 51Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 52Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 53Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 54Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 55Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 56Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 57Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 58Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 59Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
ASIX ELECTRONICS CORPORATION
55
AX88196BLF
5.2 The Embedded PHY Registers
The MII management 16-bit register set implemented is as follows. And the following sub-section will describes each
field of the registers.
Address
Name
Description
Default value
0
MR0
Control
3100H
1
MR1
Status
7809H
2
MR2
PHY Identifier 1
003BH
3
MR3
PHY Identifier 2
1841H
4
MR4
Autonegotiation Advertisement
01E1H
5
MR5
Autonegotiation Link Partner Ability
0000H
6
MR6
Autonegotiation Expansion
0000H
Tab - 18 The Embedded PHY Registers
Key to default:
Reset value
1: Bit set to logic one
0: Bit set to logic zero
X: No set value
Access type
RO: Read only
RW: Read or write
Attribute
SC: Self-clearing
PS: Value is permanently set
LL: Latch low
LH: Latch high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com