Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
27
2.2.4
Enhanced Serial Audio Interface (ESAI) Timing
See Table 13 For ESAI timing parameters and Figure 20, Figure 21, Figure 22, and Figure 23 for timing diagrams.
Table 13. Enhanced Serial Audio Interface Timing Parameters
No.
Characteristics1, 3, 4
Symbol
Expression5
Min
Max
Condition2 Unit
62
Clock cycle5
tSSICC
4
× T
c
4
× Tc
20.0
20.0
–
–
i ck
i ck
ns
63
Clock high period
• For internal clock
–
2
× T
c
10
–
–
ns
• For external clock
2
× Tc
10
–
–
64
Clock low period
• For internal clock
–
2
× T
c
10
–
–
ns
• For external clock
2
× Tc
10
–
–
65
SCKR rising edge to FSR out (bl) high
–
–
–
–
17.0
7.0
x ck
i ck a
ns
66
SCKR rising edge to FSR out (bl) low
–
–
–
–
17.0
7.0
x ck
i ck a
ns
67
SCKR rising edge to FSR out (wr) high6
––
–
–
19.0
9.0
x ck
i ck a
ns
68
SCKR rising edge to FSR out (wr) low6
––
–
–
19.0
9.0
x ck
i ck a
ns
69
SCKR rising edge to FSR out (wl) high
–
–
–
–
16.0
6.0
x ck
i ck a
ns
70
SCKR rising edge to FSR out (wl) low
–
–
–
–
17.0
7.0
x ck
i ck a
ns
71
Data in setup time before SCKR (SCK in synchronous
mode) falling edge
––
12.0
19.0
–
–
x ck
i ck
ns
72
Data in hold time after SCKR falling edge
–
–
3.5
9.0
–
–
x ck
i ck
ns
73
FSR input (bl, wr) high before SCKR falling edge 6
––
2.0
12.0
–
–
x ck
i ck a
ns
74
FSR input (wl) high before SCKR falling edge
–
–
2.0
12.0
–
–
x ck
i ck a
ns
75
FSR input hold time after SCKR falling edge
–
–
2.5
8.5
–
–
x ck
i ck a
ns
76
Flags input setup before SCKR falling edge
–
–
0.0
19.0
–
–
x ck
i ck s
ns
77
Flags input hold time after SCKR falling edge
–
–
6.0
0.0
–
–
x ck
i ck s
ns
78
SCKT rising edge to FST out (bl) high
–
–
–
–
18.0
8.0
x ck
i ck
ns
79
SCKT rising edge to FST out (bl) low
–
–
–
–
20.0
10.0
x ck
i ck
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com