Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
45
Table 21. EMC Timing Parameters (EMC PLL Bypassed; LRCC[CLKDIV] = 4)
Parameter
Symbol
Min
Max
Unit
LCLK cycle time
Tclk
20
–
ns
Input setup to LCLK (except LGTA/LUPWAIT)
Tin_s
8
–
ns
Input hold from LCLK (except LGTA/LUPWAIT)1
Tin_h
-1
–
ns
LGTA valid time
Tgta
22
–
ns
LUPWAIT valid time
Tupwait
22
–
ns
LALE negedge to LAD (address phase) invalid (address latch hold time)
Tale_h
4
–
ns
LALE valid time
Tale
14
–
ns
Output setup from LCLK (except LAD[23:0] and LALE)
Tout_s
9
–
ns
Output hold from LCLK (except LAD[23:0] and LALE)
Tout_h
8
–
ns
LAD[23:0] output setup from LCLK
Tad_s
8
–
ns
LAD[23:0] output hold from LCLK
Tad_h
7
–
ns
LCLK to output high impedance for LAD[23:0]
Tad_z
–
9ns
Notes:
1. A negative hold time means that the signal could be invalid before the LCLK rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com