Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
7
1.3
Pinout for DSP56721 144-Pin Plastic LQFP Package
For the pinout of the DSP56721 144-pin plastic LQFP package, see Figure 5.
Figure 5. DSP56721 144-Pin Package Pinout
1.4
Pin Multiplexing
Many pins are multiplexed. For more about pin multiplexing, refer to the DSP56720/DSP56721 Reference Manual
(DSP56720RM).
108
IO_GND
107
IO_VDD
106
WDT
105
PIINT/NMI
104
TDO
103
TDI
102
TCK
101
TMS
100
SCKR_1
99
FSR_1
98
SCKT_1
97
FST_1
96
SDO0_1
95
SDO1_1
94
IO_GND
93
IO_VDD
92
CORE_GND
91
CORE_VDD
90
SDO0
89
SDO1
88
SDO4/SDI1
87
SDO5/SDI0
86
SPDIFOUT1/H12/HAD12
85
SPDIFIN1/H8/HAD8
84
HACK/HRRQ
83
HOREQ/HTRQ
82
IO_GND
81
IO_VDD
80
EXTAL
79
XTAL
78
PLLP_GND
77
PLLD_GND
76
PLLD_VDD
75
PLLA_GND
74
PLLA_VDD
73
PLLP_VDD
TIO0/H15/HAD15
1
PG18/HDI_SEL
2
IO_GND
3
TIO0_1/H18/HAD18
4
CORE_VDD
5
CORE_GND
6
SDO2_3/SDI3_3
7
SDO3_3/SDI2_3
8
SDO4_3/SDI1_3
9
SDO5_3/SDI0_3
10
IO_VDD
11
IO_GND
12
CORE_VDD
13
CORE_GND
14
SDO2_2/SDI3_2
15
SDO3_2/SDI2_2
16
SDO4_2/SDI1_2
17
SDO5_2/SDI0_2
18
HCKR_3
19
FSR_3
20
SCKR_3
21
SCKT_3
22
IO_VDD
23
IO_GND
24
H6/HAD6
25
H7/HAD7
26
SPDIFIN2/H9/HAD9
27
SPDIFIN3/H10/HAD10
28
SPDIFIN4/H11/HAD11
29
SPDIFOUT2/H13/HAD13
30
SPLOCK/H14/HAD14
31
GND
32
GND
33
GND
34
GND
35
GND
36
DSP56721
144-Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com