Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56721 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
3
Figure 1. DSP56720 Block Diagram
Figure 2. DSP56721 Block Diagram
PCU
/ AGU
/ ALU
DMA
OnCE
OnCE
PCU
/ AGU
/ ALU
DMA
On-Chip
Memory
P
X
Y
On-Chip
Memory
P
X
Y
DSP
Core-0
ASRC
Arbiter 8
Arbiters 0–7
2 JTAGs
Shared Memory 8K
Blocks 0–7 (64K total)
MODA1, MODB1,
MODC1, MODD1
MODA0, MODB0,
MODC0, MODD0
JTAG
EXTAL/XTAL
DSP
Core-1
Arbiter 9
CGM
Shared Bus 0
Shared Bus 1
PCU
/ AGU
/ ALU
DMA
OnCE
OnCE
PCU
/ AGU
/ ALU
DMA
On-Chip
Memory
P
X
Y
On-Chip
Memory
P
X
Y
DSP
Core-0
ASRC
Arbiter 8
Arbiters 0–7
2 JTAGs
Shared Memory 8K
Blocks 0–7 (64K total)
MODA1, MODB1,
MODC1, MODD1
MODA0, MODB0,
MODC0, MODD0
JTAG
HDI24
EXTAL/XTAL
DSP
Core-1
CGM
Shared Bus 0
Shared Bus 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com