Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
13
2.1.7
External Clock Operation
The DSP56720/DSP56721 system clock is derived from the on-chip oscillator or is externally supplied. To use the on-chip
oscillator, connect a crystal and associated resistor/capacitor components to EXTAL and XTAL; see the example in Figure 9.
Figure 9. Using the On-Chip Oscillator
If the DSP56720/DSP56721 system clock is an externally supplied square wave voltage source, it is connected to EXTAL
(Figure 10). When the external square wave source is connected to EXTAL, the XTAL pin is not used.
Figure 10. External Clock Timing
Table 8. Clock Operation
No.
Characteristics
Symbol
Min
Max
Units
1
EXTAL input high 1
(40% to 60% duty cycle)
• Crystal oscillator
• Square wave input
Eth
16.67
2.5
100
inf
ns
XTAL
EXTAL
Suggested component values:
Fosc = 24.576 MHz
R = 1 M ±10%
C (EXTAL)= 18 pF
Calculations are for a 5 – 30 MHz crystal with the following parameters:
• Shunt capacitance (C0) of 10 pF – 12 pF
• Series resistance 40 Ohm
C (XTAL) = 18 pF
• Drive level of 10
μW
R
XTAL1
C
C
EXTAL
VIL
VIH
Midpoint
Note:
The midpoint is 0.5 (VIH + VIL).
ETH
ETL
ETC
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com