Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
37
339
Delay from write data strobe deassertion to
host request assertion for “Last Data Register” write
4, 7, 9
2
× T
C
10.0
–
ns
340
Delay from data strobe assertion to
host request deassertion for “Last Data Register” read or write (HROD =
0)
4, 8, 9
––
19.1
ns
341
Delay from data strobe assertion to
host request deassertion for “Last Data Register” read or write (HROD =
1, open drain Host Request)
4, 8, 9, 10
–
–
300.0
ns
342
Delay from DMA HACK deassertion to HOREQ assertion
ns
• For “Last Data Register” read
4
2
× T
C + 19.1
29.1
–
• For “Last Data Register” write
4
1
× T
C + 19.1
24.1
–
• For other cases
–
0.0
–
343
Delay from DMA HACK assertion to HOREQ deassertion
•HROD = 0
4
––
20.2
ns
344
Delay from DMA HACK assertion to HOREQ deassertion for “Last Data
Register” read or write
• HROD = 1, open drain Host Request
4, 10
–
–
300.0
ns
Notes:
1.
In the timing diagrams that follow, the controls pins are drawn as active low. The pin polarity is programmable.
2.
VCC = 1.0 V ± 10%; TJ = –40°C to +125°C; CL = 50 pF.
3.
The read data strobe is HRD in the dual data strobe mode and HDS in the single data strobe mode.
4.
The “last data register” is the register at address $7, which is the last location to be read or written in data transfers.
5.
This timing is applicable only if a read from the “last data register” is followed by a read from the RXL, RXM, or RXH registers without
first polling RXDF or HREQ bits, or waiting for the assertion of the HOREQ signal.
6.
This timing is applicable only if two consecutive reads from one of these registers are executed.
7.
The write data strobe is HWR in the dual data strobe mode and HDS in the single data strobe mode.
8.
The data strobe is host read (HRD) or host write (HWR) in the dual data strobe mode and host data strobe (HDS) in the single data
strobe mode.
9.
The host request is HOREQ in the single host request mode and HRRQ and HTRQ in the double host request mode.
10. In this calculation, the host request signal is pulled up by a 4.7 kW resistor in the open-drain mode.
11. HDI24_1 specs match those of HDI24.
Table 18. HDI24 Timing Parameters (Continued)
No.
Characteristics
2
Expression
200 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com