Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
28
80
SCKT rising edge to FST out (wr) high6
––
–
–
20.0
10.0
x ck
i ck
ns
81
SCKT rising edge to FST out (wr) low6
––
–
–
22.0
12.0
x ck
i ck
ns
82
SCKT rising edge to FST out (wl) high
–
–
–
–
19.0
9.0
x ck
i ck
ns
83
SCKT rising edge to FST out (wl) low
–
–
–
–
20.0
10.0
x ck
i ck
ns
84
SCKT rising edge to data out enable from high
impedance
––
–
–
22.0
17.0
x ck
i ck
ns
85
SCKT rising edge to transmitter #0 drive enable
assertion
––
–
–
17.0
11.0
x ck
i ck
ns
86
SCKT rising edge to data out valid
–
–
–
–
18.0
13.0
x ck
i ck
ns
87
SCKT rising edge to data out high impedance7
––
–
–
21.0
16.0
x ck
i ck
ns
88
SCKT rising edge to transmitter #0 drive enable
deassertion7
––
–
–
14.0
9.0
x ck
i ck
ns
89
FST input (bl, wr) setup time before SCKT falling edge6
––
2.0
18.0
–
–
x ck
i ck
ns
90
FST input (wl) setup time before SCKT falling edge
–
–
2.0
18.0
–
–
x ck
i ck
ns
91
FST input hold time after SCKT falling edge
–
–
4.0
5.0
–
–
x ck
i ck
ns
92
FST input (wl) to data out enable from high impedance
–
–
–
21.0
–
ns
93
FST input (wl) to transmitter #0 drive enable assertion
–
–
–
14.0
–
ns
94
Flag output valid after SCKT rising edge
–
–
–
–
14.0
9.0
x ck
i ck
ns
Table 13. Enhanced Serial Audio Interface Timing Parameters (Continued)
No.
Characteristics1, 3, 4
Symbol
Expression5
Min
Max
Condition2 Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com