Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
20
36
First SCK sampling edge to HREQ output
deassertion
Slave
Bypassed
–
45
–
ns
Very Narrow
–
55
–
ns
Narrow
–
95
–
ns
Wide
–
145
–
ns
37
Last SCK sampling edge to HREQ output
not deasserted (CPHA = 1)
Slave
Bypassed
–
50.0
–
ns
Very Narrow
–
60.0
–
ns
Narrow
–
100.0
–
ns
Wide
–
150.0
–
ns
38
SS deassertion to HREQ output not
deasserted (CPHA = 0)
Slave
–
–
45.0
–
ns
39
SS deassertion pulse width (CPHA = 0)
Slave
–
TC + 6
11.0
–
ns
40
HREQ in assertion to first SCK edge
Master
–
0.5 x TSPICC + 3.0 x
TC + 43
96.0
–
ns
41
HREQ in deassertion to last SCK sampling
edge (HREQ in set-up time) (CPHA = 1)
Master
–
–
0
–
ns
42
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
–
–
0
–
ns
43
HREQ assertion width
Master
–
3.0 x TC
15
–
ns
Notes:
1.
VCORE_VDD = 1.0± 0.10 V; TJ = -40°C to 125°C; CL = 50 pF.
2.
Periodically sampled, not 100% tested.
3.
All times assume noise free inputs.
4.
All times assume internal clock frequency of 200 MHz.
5.
SHI_1 specs match those of SHI.
Table 11. Serial Host Interface SPI Protocol Timing Parameters (Continued)
No.
Characteristics1,3,4
Mode
Filter Mode
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com