Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
15
19
Duration of level sensitive IRQA assertion to ensure interrupt service
(when exiting Stop)1, 2, 3
• PLL is active during Stop and Stop delay is enabled (OMR Bit 6 = 0)
(128K × T
C)
655
–
μs
• PLL is active during Stop and Stop delay is not enabled (OMR Bit 6 =
1)
25
× T
C
125
–
ns
• PLL is not active during Stop and Stop delay is enabled (OMR Bit 6 =
0)
(128K x TC) +
TLOCK
855
–
μs
• PLL is not active during Stop and Stop delay is not enabled (OMR Bit
6 = 1)
(25 x TC) + TLOCK
200
–
μs
20
• Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to
general-purpose transfer output valid caused by first interrupt
instruction execution1
10 x TC + 3.8
–
53.8
ns
21
Interrupt Requests Rate1
• ESAI, ESAI_1, ESAI_2, ESAI_3, SHI, SHI_1, Timer, Timer_1
12 x TC
–60.0
ns
• DMA
8 x TC
–40.0
ns
•IRQ, NMI (edge trigger)
8 x TC
–40.0
ns
•IRQ (level trigger)
12 x TC
–60.0
ns
22
DMA Requests Rate
• Data read from ESAI, ESAI_1, ESAI_2, ESAI_3, SHI, SHI_1
6 x TC
–30.0
ns
• Data write to ESAI, ESAI_1, ESAI_2, ESAI_3, SHI, SHI_1
7 x TC
–35.0
ns
• Timer, Timer_1
2 x TC
–10.0
ns
•IRQ, NMI (edge trigger)
3 x TC
–15.0
ns
Notes:
1.
When using fast interrupts and when IRQA, IRQB, IRQC, and IRQD are defined as level-sensitive, timings 19 through 21 apply to
prevent multiple interrupt service. To avoid these timing restrictions, the Edge-triggered mode is recommended when using fast
interrupts. Long interrupts are recommended when using Level-sensitive mode.
2.
For PLL disable, if using an external clock (PCTL Bit 13 = 1), no stabilization delay is required and recovery time will be defined by
the OMR Bit 6 settings.
For PLL enable, (if bit 12 of the PCTL register is 0), the PLL is shut down during Stop. Recovering from Stop requires the PLL to get
locked. The PLL lock procedure duration, PLL Lock Cycles (PLC), may be in the range of 200
μs.
3.
Periodically sampled and not 100% tested.
4.
RESET duration is measured during the time in which RESET is asserted, VDD is valid, and the EXTAL input is active and valid. When
VDD is valid, but the other “required RESET duration” conditions (as specified above) have not been yet met, the device circuitry will
be in an uninitialized state that can result in significant power consumption and heat-up. Designs should minimize this state to the
shortest possible duration.
Table 9. Reset, Stop, Mode Select, and Interrupt Timing Parameters
No.
Characteristics
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com