Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
42
Figure 35. HDI24 Host DMA Read Timing Diagram
2.2.10
S/PDIF Timing
See Table 19 for Sony/Philips Digital Interconnect Format (S/PDIF) timing parameters and Figure 36 and Figure 37 for timing
diagrams.
Table 19. S/PDIF Timing Parameters
Characteristics
Symbol
All Frequency
Unit
Min
Max
SPDIFIN1, SPDIFIN2, SPDIFIN3, SPDIFIN4 Skew:
asynchronous inputs, no specs apply
––
0.7
ns
SPDIFOUT1,SPDIFOUT2 output (Load = 50 pf)
•Skew
• Transition Risng
• Transition Falling
–
–
–
–
–
–
1.5
24.2
31.3
ns
SPDIFOUT1, SPDIFOUT2 output (Load = 30 pf)
•Skew
• Transition Risng
• Transition Falling
–
–
–
–
–
–
1.5
13.6
18.0
ns
SRCK period
srckp
40.0
–
ns
SRCK high period
srckph
16.0
–
ns
SRCK low period
srckpl
16.0
–
ns
STCLK period
stclkp
40.0
–
ns
STCLK high period
stclkph
16.0
–
ns
STCLK low period
stclkpl
16.0
–
ns
326
317
318
327
328
329
HOREQ
(Output)
HACK
(Input)
H0-H23
(Output)
Data
Valid
RXH
Read
342
342
343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com