Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
33
Figure 25. GPIO Timing Diagram
2.2.7
JTAG Timing
See Table 16 for joint test action group (JTAG) timing parameters, and Figure 26, Figure 27, and Figure 28 for timing diagrams.
105
Minimum GPIO pulse low width
2 x TC
10
–
ns
106
GPIO out rise time
–
–
13.0
ns
107
GPIO out fall time
–
–
13.0
ns
Notes:
1.
VCORE_VDD = 1.0 V ± 0.10 V; TJ = -40°C to 125°C; CL = 50 pF
Table 16. JTAG Timing Parameters
No.
Characteristics
All Frequencies
Unit
Min
Max
108
TCK frequency of operation (1/(TC × 3); maximum 10 MHz)
–
10.0
MHz
109
TCK cycle time in Crystal mode
100.0
–
ns
110
TCK clock pulse width measured at 1.65 V
50.0
–
ns
111
TCK rise and fall times
–
3.0
ns
112
Boundary scan input data setup time
15.0
–
ns
113
Boundary scan input data hold time
24.0
–
ns
114
TCK low to output data valid
–
40.0
ns
115
TCK low to output high impedance
–
40.0
ns
Table 15. GPIO Timing (Continued)Parameters
No.
Characteristics1
Expression
Min
Max
Unit
100
101
102
103
104
105
106
107
Fsys
Valid
GPIO
(Output)
GPIO
Input)
GPIO
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com