Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
11
Figure 8. Ensure Correct Operation of Power-On Reset with Fast Ramp of Core_VDD
2.1.4
DC Electrical Characteristics
For DC electrical characteristics, see Table 6.
Table 6. DC Electrical Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltages
• Core (Core_VDD)
• PLL (PLLD_VDD, PLLD1_VDD)
VDD
0.9
1.0
1.1
V
Supply voltages
• I/O (IO_VDD)
• PLL (PLLP_VDD, PLLP1_VDD)
• PLL (PLLA_VDD, PLLA1_VDD)
VDDIO
3.14
3.3
3.46
V
Input high voltage
VIH
2.0
–
VIO_VDD+2V
V
Note: To avoid a high current condition and possible system damage, all 3.3 volt supplies must rise before the 1.0 volt
supplies rise.
Input low voltage
VIL
-0.3
–
0.8
V
Input leakage current
IIN
––
± 84
μA
Clock pin Input Capacitance (EXTAL)
CIN
18
pF
High impedance (off-state) input current (@ 3.3 V or
0V)
ITSI
-10
–
10
μA
Output high voltage
IOH = -12 mA
LSYNC_OUT, LALE, LCLK Pins IOH = -16 mA, TDO
Pin IOH = -24 mA
VOH
2.4
–
–
V
Output low voltage
IOL = 12 mA
LSYNC_OUT, LALE, LCLK Pins IOL = 16 mA, TDO
Pins IOL = 24 mA
VOL
––
0.4
V
Core_VDD
Tr must be < 10 ms
0 V
1.0V
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com