Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 128 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 128 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 124Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 125Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 126Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 127Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 128Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 129Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 130Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 131Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 132Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 127 of 148
S25FL128S/S25FL256S
The Alternate Vendor-Specific Extended Query provides information related to the expanded command set provided by the FL-S
family. The alternate query parameters use a format in which each parameter begins with an identifier byte and a parameter length
byte. Driver software can check each parameter ID and can use the length value to skip to the next parameter if the parameter is not
needed or not recognized by the software.
47h
01h
Sector Protect
00 = Not Supported
X = Number of sectors in group
48h
00h
Temporary Sector Unprotect
00 = Not Supported
01 = Supported
49h
08h
Sector Protect/Unprotect Scheme
04 = High Voltage Method
05 = Software Command Locking Method
08 = Advanced Sector Protection Method
09 = Secure
4Ah
00h
Simultaneous Operation
00 = Not Supported
X = Number of Sectors
4Bh
01h
Burst Mode (Synchronous sequential read) support
00 = Not Supported
01 = Supported
4Ch
xxh
Page Mode Type, model dependent
00 = Not Supported
01 = 4 Word Read Page
02 = 8 Read Word Page
03 = 256-Byte Program Page
04 = 512-Byte Program Page
4Dh
00h
ACC (Acceleration) Supply Minimum
00 = Not Supported, 100 mV
4Eh
00h
ACC (Acceleration) Supply Maximum
00 = Not Supported, 100 mV
4Fh
07h
WP# Protection
01 = Whole Chip
04 = Uniform Device with Bottom WP Protect
05 = Uniform Device with Top WP Protect
07 = Uniform Device with Top or Bottom Write Protect (user select)
50h
01h
Program Suspend
00 = Not Supported
01 = Supported
Table 60. CFI Alternate Vendor-Specific Extended Query Header
Byte Address
Data
Description
51h
41h
Query-unique ASCII string “ALT”
52h
4Ch
53h
54h
54h
32h
Major version number = 2, ASCII
55h
30h
Minor version number = 0, ASCII
Table 59. CFI Primary Vendor-Specific Extended Query (Continued)
Byte Address
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com