Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 130 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 130 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 126Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 127Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 128Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 129Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 130Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 131Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 132Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 133Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 134Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 129 of 148
S25FL128S/S25FL256S
Table 63. CFI Alternate Vendor-Specific Extended Query Parameter 84h Suspend Commands
Parameter Relative
Byte Address
Offset
Data
Description
00h
84h
Parameter ID (Suspend Commands
01h
08h
Parameter Length (The number of following bytes in this parameter. Adding this value
to the current location value +1 = the first byte of the next parameter)
02h
85h
Program suspend instruction code
03h
2Dh
Program suspend latency maximum (µs)
04h
8Ah
Program resume instruction code
05h
64h
Program resume to next suspend typical (µs)
06h
75h
Erase suspend instruction code
07h
2Dh
Erase suspend latency maximum (µs)
08h
7Ah
Erase resume instruction code
09h
64h
Erase resume to next suspend typical (µs)
Table 64. CFI Alternate Vendor-Specific Extended Query Parameter 88h Data Protection
Parameter Relative
Byte Address
Offset
Data
Description
00h
88h
Parameter ID (Data Protection)
01h
04h
Parameter Length (The number of following bytes in this parameter. Adding this value
to the current location value +1 = the first byte of the next parameter)
02h
0Ah
OTP size 2N bytes, FFh = not supported
03h
01h
OTP address map format, 01h = FL-S format, FFh = not supported
04h
xxh
Block Protect Type, model dependent
00h = FL-P, FL-S, FFh = not supported
05h
xxh
Advanced Sector Protection type, model dependent
01h = FL-S ASP
Table 65. CFI Alternate Vendor-Specific Extended Query Parameter 8Ch Reset Timing
Parameter Relative
Byte Address
Offset
Data
Description
00h
8Ch
Parameter ID (Reset Timing)
01h
06h
Parameter Length (The number of following bytes in this parameter.
Adding this value to the current location value +1 = the first byte of the
next parameter)
02h
96h
POR maximum value
03h
01h
POR maximum exponent 2N µs
04h
FFh (without separate RESET#)
23h (with separate RESET #)
Hardware Reset maximum value
05h
00h
Hardware Reset maximum exponent 2N µs
06h
23h
Software Reset maximum value, FFh = not supported
07h
00h
Software Reset maximum exponent 2N µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com