Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 53 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 49Page - STMicroelectronics VS6724 Datasheet HTML 50Page - STMicroelectronics VS6724 Datasheet HTML 51Page - STMicroelectronics VS6724 Datasheet HTML 52Page - STMicroelectronics VS6724 Datasheet HTML 53Page - STMicroelectronics VS6724 Datasheet HTML 54Page - STMicroelectronics VS6724 Datasheet HTML 55Page - STMicroelectronics VS6724 Datasheet HTML 56Page - STMicroelectronics VS6724 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
VS6724
Programming model and register description
53/118
4.2.3
User interface register description
Device parameters [read only]
Host interface manager control
Table 9.
Device parameters [read only]
Index
DeviceParameters [read only](1)
1.
Can be accessed in all stable state.
0x0001
(MSByte)
0x0002 (LSByte)
uwDeviceId
Purpose
device id i.e. 724
Type
UINT
0x0004
bFirmwareVsnMajor
Type
BYTE, Silicon cut 1.2 = 0,
0x0006
bFirmwareVsnMinor
Type
BYTE, Silicon cut 1.2 = 8,
0x0008
bPatchVsnMajor
Type
BYTE, Silicon cut 1.2 = 0,
0x000a
bPatchVsnMinor
Type
BYTE, Silicon cut 1.2 = 0,
Table 10.
Device parameters [read only]
Index
HostInterfaceManagerControl(1)
1.
Can be controlled in all stable states
0x0180
bUserCommand
Default value
<0> UNINITIALISED
Purpose
User level control of operating states
Type
CODED
Possible values
<0> UNINITIALISED - powerup default
<1> BOOT - the boot command will identify the sensor & setup
low level handlers
<2> RUN - stream video
<3> PAUSE- stop video streaming
<4> STOP - low power mode, analogue powered down
<3> SNAPSHOT- grab one frame at correct exposure without
flashgun
<6> FLASHGUN - grab one frame at correct exposure for
flashgun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com