Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 67 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 63Page - STMicroelectronics VS6724 Datasheet HTML 64Page - STMicroelectronics VS6724 Datasheet HTML 65Page - STMicroelectronics VS6724 Datasheet HTML 66Page - STMicroelectronics VS6724 Datasheet HTML 67Page - STMicroelectronics VS6724 Datasheet HTML 68Page - STMicroelectronics VS6724 Datasheet HTML 69Page - STMicroelectronics VS6724 Datasheet HTML 70Page - STMicroelectronics VS6724 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
VS6724
Programming model and register description
67/118
Power management
Video timing parameter host inputs
Video timing parameter FP inputs (read only)
Table 18.
Power management
Index
PowerManagement(1)
0x0580
bTimeToPowerdown
Default value
0x0f
Purpose
Time (mSecs) from entering Pause mode until the system automatically
transitions stop mode. 0xff disables the automatic transition.
Type
BYTE
1.
Must be configured in STOP mode
Table 19.
Video timing parameter host inputs
Index
VideoTimingParameterHostInputs(1)
0x0605(MSByte)
0x0606(LSByte)
uwExternalClockFrequencyNumerator
Default value
0x0c
Purpose
The External Clock Frequency configuration must match the frequency
supplied to the CLK pin;
External clock frequency = uwExternalClockFrequencyDenumerator/
bExternalClockFrequencyDenominator
Type
UINT16
Possible values
The External clock frequency range is 6 to 27, this represents 6MHz to
27 MHz
0x0608
bExternalClockFrequencyDenominator
Default value
0x01
Type
BYTE
1.
Should be configured in the RAW state
Table 20.
Video timing parameter FP inputs (read only)
Index
VideoTimingParameterFPInputs (read only)(1)
0x0605(MSByte)
0x0606(LSByte)
uwExternalClockFrequencyMhzNumerator
Purpose
Allows the host to read back the uwExternalClockFrequency
Type
FLOAT
1.
Can be read in all operating modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com