Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 42 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 38Page - STMicroelectronics VS6724 Datasheet HTML 39Page - STMicroelectronics VS6724 Datasheet HTML 40Page - STMicroelectronics VS6724 Datasheet HTML 41Page - STMicroelectronics VS6724 Datasheet HTML 42Page - STMicroelectronics VS6724 Datasheet HTML 43Page - STMicroelectronics VS6724 Datasheet HTML 44Page - STMicroelectronics VS6724 Datasheet HTML 45Page - STMicroelectronics VS6724 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
Host communication - I²C control interface
VS6724
42/118
read. A read message is terminated by the bus master generating a negative acknowledge
after reading a final byte of data.
A message can only be terminated by the bus master, either by issuing a stop condition, a
repeated start condition or by a negative acknowledge after reading a complete byte during
a read operation.
3.2
Detailed overview of the message format
Figure 27. Detailed overview of message format
The V2W generic message format consists of the following sequence:
1.
Master generates a START condition to signal the start of new message.
2.
Master outputs, MS bit first, a 7-bit device address of the slave the master is trying to
communicate with followed by a R/W bit.
a)
R/W = 0 then the master (transmitter) is writing to the slave (receiver).
b)
R/W = 1 the master (receiver) is reading from the slave (transmitter).
3.
The addressed slave acknowledges the device address.
4.
Data transmitted on the bus
a)
When a write is performed then master outputs 8-bits of data on SDA (MS Bit
first).
b)
When a read is performed then slave outputs 8-bits of data on SDA (MS Bit First).
5.
Data receive acknowledge
a)
When a write is performed slave acknowledges data.
SDA
SCL
S
or
Sr
12
78
9
Sr
or
P
MSB
LSB
START
or
repeated
START
condition
ACK
signal
from
slave
STOP
or
repeated
Start
condition
Device address
12
7
8
9
MSB
LSB
S
(Sr)
7-bit device
address
R/W
A
A
(A)
8-bit Data
P
(Sr)
Data byte from
transmitter
R/W=0 - Master
R/W=1 - Slave
ACK
signal
from
receiver
R/W
Bit
0 - Write
1 - Read
Sr
P
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com