Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 45 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 41Page - STMicroelectronics VS6724 Datasheet HTML 42Page - STMicroelectronics VS6724 Datasheet HTML 43Page - STMicroelectronics VS6724 Datasheet HTML 44Page - STMicroelectronics VS6724 Datasheet HTML 45Page - STMicroelectronics VS6724 Datasheet HTML 46Page - STMicroelectronics VS6724 Datasheet HTML 47Page - STMicroelectronics VS6724 Datasheet HTML 48Page - STMicroelectronics VS6724 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
VS6724
Host communication - I²C control interface
45/118
Figure 32.
Internal register index space
3.3
Types of messages
This section gives guidelines on the basic operations to read data from and write data to
VS6724.
The serial interface supports variable length messages. A message contains no data bytes
or one data byte or many data bytes. This data can be written to or read from common or
different locations within the sensor. The range of instructions available are detailed below.
●
Single location, single byte data read or write.
●
Write no data byte. Only sets the index for a subsequent read message.
●
Multiple location, multiple data read or write for fast information transfers.
Any messages formats other than those specified in the following section should be
considered illegal.
3.3.1
Random location, single data write
For the master writing to the slave the R/W bit is set to zero.
The register index value written is preserved and is used by a subsequent read. The write
message is terminated with a stop condition from the master.
0
1
2
3
4
65532
65533
65534
65535
16-bit Index / 8-bit Data Format
64k by 8-bit wide index space
(Valid Addresses 0-65535)
130
129
128
127
126
125
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com