Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 43 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 39Page - STMicroelectronics VS6724 Datasheet HTML 40Page - STMicroelectronics VS6724 Datasheet HTML 41Page - STMicroelectronics VS6724 Datasheet HTML 42Page - STMicroelectronics VS6724 Datasheet HTML 43Page - STMicroelectronics VS6724 Datasheet HTML 44Page - STMicroelectronics VS6724 Datasheet HTML 45Page - STMicroelectronics VS6724 Datasheet HTML 46Page - STMicroelectronics VS6724 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
VS6724
Host communication - I²C control interface
43/118
b)
When a read is performed master acknowledges data.
Repeat 4 and 5 until all the required data has been written or read.
Minimum number of data bytes for a read =1 (Shortest Message length is 2-bytes).
The master outputs a negative acknowledge for the data when reading the last byte of data.
This causes the slave to stop the output of data and allows the master to generate a STOP
condition.
6.
Master generates a STOP condition or a repeated START.
Figure 28.
Device addresses
3.2.1
Data valid
The data on SDA is stable during the high period of SCL. The state of SDA is changed
during the low phase of SCL. The only exceptions to this are the start (S) and stop (P)
conditions as defined below. (See
I²C slave interface for full timing specification).
Figure 29.
SDA data valid
3.2.2
Start (S) and Stop (P) conditions
A START (S) condition defines the start of a V2W message. It consists of a high to low
transition on SDA while SCL is high.
A STOP (P) condition defines the end of a V2W message. It consists of a low to high
transition on SDA while SCL is high.
After STOP condition the bus is considered free for use by other devices. If a repeated
START (Sr) is used instead of a stop then the bus stays busy. A START (S) and a repeated
START (Sr) are considered to be functionally equivalent.
0
0
1
0
0
0
0
R/W
0
0
1
0
0
0
0
0
0
0
1
0
0
0
0
1
Sensor address
Sensor write address 20H
Sensor read address 21H
SDA
SCL
Data line
stable
Data valid
Data change
Data line
stable
Data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com