Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 28Page - STMicroelectronics VS6724 Datasheet HTML 29Page - STMicroelectronics VS6724 Datasheet HTML 30Page - STMicroelectronics VS6724 Datasheet HTML 31Page - STMicroelectronics VS6724 Datasheet HTML 32Page - STMicroelectronics VS6724 Datasheet HTML 33Page - STMicroelectronics VS6724 Datasheet HTML 34Page - STMicroelectronics VS6724 Datasheet HTML 35Page - STMicroelectronics VS6724 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
Functional description
VS6724
32/118
2.9.6
Bayer 8-bit
The ITU protocol allows the encapsulation of various data formats over the link. The
following data formats are also proposed encapsulated in ITU601-656 protocol:
●
Truncated from 10-bit
The output is shown in
Figure 17. In this output mode a single byte is output data per pixel,
therefore the output PCLK and data rate is half that of the 10bit modes.
It is possible to reverse the overall bit order of the individual Bayer pixels through a register
programming.
Note:
False synchronization codes are avoided in the LSByte by adding or subtracting a value of
one, dependent on detection of a 0 code or 255 code respectively.
Figure 17.
Bayer 8 output
2.10
Data synchronization methods
External capture systems can synchronize with the data output from VS6724 in one of two
ways:
1.
Synchronization codes are embedded in the output data
2.
Via the use of two additional synchronization signals: VSYNC and HSYNC
Both methods of synchronization can be programmed to meet the needs of the host system.
2.10.1
Embedded codes
The embedded code sequence can be inserted into the output data stream to enable the
external host system to synchronize with the output frames. The code consists of a 4-byte
sequence starting with 0xFF, 0x00, 0x00. The final byte in the sequence depends on the
mode selected.
Two types of embedded codes are supported by the VS6724: Mode 1 (ITU656) and Mode 2.
The bSyncCodeSetup register is used to select whether codes are inserted or not and to
select the type of code to insert.
When embedded codes are selected each line of data output contains 8 additional clocks: 4
before the active video data and 4 after it.
F
F
0
0
0
0
X
Y
EAV Code
START OF DIGITAL ACTIVE LINE
D
0
D
1
D
2
D
3
D
0
D
1
D
2
D
3
D
0
D
1
D
2
D
3
8-bit Bayer
F
F
0
0
0
0
X
Y
where:
LSBn = Bayern[7:0]
L
S
B0
L
S
B1
L
S
B2
L
S
B3
L
S
B4
L
S
B5
L
S
B6
L
S
B7
L
S
B8
L
S
B9
L
S
B10
L
S
B11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com