Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 72 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 68Page - STMicroelectronics VS6724 Datasheet HTML 69Page - STMicroelectronics VS6724 Datasheet HTML 70Page - STMicroelectronics VS6724 Datasheet HTML 71Page - STMicroelectronics VS6724 Datasheet HTML 72Page - STMicroelectronics VS6724 Datasheet HTML 73Page - STMicroelectronics VS6724 Datasheet HTML 74Page - STMicroelectronics VS6724 Datasheet HTML 75Page - STMicroelectronics VS6724 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
Programming model and register description
VS6724
72/118
0x1082
bMetering
Default value
<0> ExposureMetering_flat
Purpose
Weights to be associated with the zones for calculating the mean
statistics Exposure Weight could Centered, Backlit or Flat
Type
C
possible values
<0> ExposureMetering_flat - Uniform gain associated with all pixels
<1> ExposureMetering_backlit - more gain associated with centre pixels
and bottom pixels
<2> ExposureMetering_centred - more gain associated with centre
pixels
0x1084
bManualExposureTime_Num
Default value
0x01
Purpose
Exposure Time for Compiled Manual Mode in seconds. Num/Den gives
required exposure time
Type
BYTE
0x1086
bManualExposureTime_Den
Default value
0x1e
Type
BYTE
0x1089(MSByte)
0x108a(LSByte)
fpManualFloatExposureTime
Default value
0x59aa (15008)
Purpose
Exposure Time for the Manual Mode. This value is in microseconds.
iMiscSettings must be configured
Type
FLOAT
0x108d(MSByte)
0x108e(LSByte)
fpColdStartDesiredTime_us
Default value
0x59aa (15008)
Purpose
Exposure Time for the that the system will use when entering RUN
mode
Type
FLOAT
0x1090
iExposureCompensation
Default value
0x00
Purpose
Exposure Compensation - a user choice for setting the runtime target. A
unit of exposure compensation corresponds to 1/6 EV. Default value
according to the Nominal Target of 30 is 0. Coded Value of Exposure
compensation can take values from -25 to 12.
Type
INT8
Table 26.
Exposure controls (continued)
Index
ExposureControls(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com