Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 10Page - STMicroelectronics VS6724 Datasheet HTML 11Page - STMicroelectronics VS6724 Datasheet HTML 12Page - STMicroelectronics VS6724 Datasheet HTML 13Page - STMicroelectronics VS6724 Datasheet HTML 14Page - STMicroelectronics VS6724 Datasheet HTML 15Page - STMicroelectronics VS6724 Datasheet HTML 16Page - STMicroelectronics VS6724 Datasheet HTML 17Page - STMicroelectronics VS6724 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
Functional description
VS6724
14/118
Figure 4.
Scaling of Bayer image
a)
is a 6x6 pixel section of a Bayer patterned pixel array.
b)
shows four 3x3 pixel regions which divide the 6x6 pixel array into quarters.
c)
shows the pixels in each quarter used to calculate the sub-sampled pixel (and the
spatial positioning of the sub-sampled pixel shown by the dashed colored line)
d)
shows the final sub-sampled 2x2 Bayer data
The sub-sampled pixel value is the average value of the specific color pixels in each quarter.
Smoothing is required in order to regulate the data rate through the image reconstruction
chain so as to match any system bandwidth limits.
2.4.5
Cropping module
The VS6724 cropping module can be used to define a window of interest within the full
UXGA array size, with all pixels falling outside this window of interest appearing as blanking.
The crop block is also used by the scaler to allow configuration of certain output frame
dimensions.
The user can set a start location and the required output size.
Figure 5 shows the example
with of the crop.
(a)
(b)
(c)
Q1
Q2
Q3
Q4
A B CDE F
1
2
3
4
5
6
(d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com