Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 29Page - STMicroelectronics VS6724 Datasheet HTML 30Page - STMicroelectronics VS6724 Datasheet HTML 31Page - STMicroelectronics VS6724 Datasheet HTML 32Page - STMicroelectronics VS6724 Datasheet HTML 33Page - STMicroelectronics VS6724 Datasheet HTML 34Page - STMicroelectronics VS6724 Datasheet HTML 35Page - STMicroelectronics VS6724 Datasheet HTML 36Page - STMicroelectronics VS6724 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
VS6724
Functional description
33/118
Prevention of false synchronization codes
The VS6724 is able to prevent the output of 0xFF and/or 0x00 data from being
misinterpreted by a host system as the start of synchronization data. This function is
controlled the bCodeCheckEnable register.
2.10.2
Mode 1 (ITU656 compatible)
The structure of an image frame with ITU656 codes is shown in
Figure 18.
Figure 18.
ITU656 frame structure with even codes
The synchronization codes for odd and even frames are listed in
Table 3 and Table 4. By
default all frames output from the VS6724 are EVEN. It is possible to set all frames to be
ODD or to alternate between ODD and EVEN using the SyncCodeSetup register in
the
Dither control register bank.
Table 3.
ITU656 embedded synchronization code definition (even frames)
Name
Description
4-byte sequence
SAV
Line start - active
FF 00 00 80
EAV
Line end - active
FF 00 00 9D
SAV (blanking)
Line start - blanking
FF 00 00 AB
EAV (blanking)
Line end - blanking
FF 00 00 B6
EAV
SAV
Frame of image data
Line 1
Line 480
Frame blanking period
9D
80
EAV
B6
SAV
AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com