Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 95 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 91Page - STMicroelectronics VS6724 Datasheet HTML 92Page - STMicroelectronics VS6724 Datasheet HTML 93Page - STMicroelectronics VS6724 Datasheet HTML 94Page - STMicroelectronics VS6724 Datasheet HTML 95Page - STMicroelectronics VS6724 Datasheet HTML 96Page - STMicroelectronics VS6724 Datasheet HTML 97Page - STMicroelectronics VS6724 Datasheet HTML 98Page - STMicroelectronics VS6724 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
VS6724
Programming model and register description
95/118
0x2390
bHSyncSetup
Default value
0x0b
Type
CODED
flag bits
[0] HSyncSetup_sync_en
1-> enable hsync
0-> disable hsync
[1] HSyncSetup_sync_pol
1-> hsync active high
0-> hsync active low
[2] HSyncSetup_only_activelines
1-> hsync qualifies only active lines
0-> hsync qualifies active and non active lines, (PCLK will be on for
non active lines)
[3] HSyncSetup_track_henv
1-> automatic tracking hsync, ensures that the Hsync qualifies from
the first active pixel to last active pixel
0 -> programmable rise and fall of the hsync signal
0x2392
bVSyncSetup
Default value
0x07
Type
CODED
flag bits
[0] VSyncSetup_sync_en
1-> enable vsync
0-> disable vsync
[1] VSyncSetup_pol
1-> vsync active high
0-> vsync active low
[2] VSyncSetup_2_sel
1-> automatic tracking the vsync, so that it covers from the first
active line to last active line
0->manually set the rising and falling of the vsync signal
0x2395MSByte)
0x2396(LSByte)
bHsyncRisingH
Default value
0x00
Type
BYTE
Purpose
Operates only when bHSyncSetup bit [3] = 0
0x2399MSByte)
0x239a(LSByte)
bHsyncFallingH
Default value
0x00
Type
BYTE
Purpose
Operates only when bHSyncSetup bit [3] = 0
Table 47.
Output control (continued)
Index
OutputControl(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com