Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 20Page - STMicroelectronics VS6724 Datasheet HTML 21Page - STMicroelectronics VS6724 Datasheet HTML 22Page - STMicroelectronics VS6724 Datasheet HTML 23Page - STMicroelectronics VS6724 Datasheet HTML 24Page - STMicroelectronics VS6724 Datasheet HTML 25Page - STMicroelectronics VS6724 Datasheet HTML 26Page - STMicroelectronics VS6724 Datasheet HTML 27Page - STMicroelectronics VS6724 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
Functional description
VS6724
24/118
2.7.1
Operational mode control
The microprocessor allows high level control of the modes in which the VS6724 can
operate, this avoids the need for the host to be concerned with the complexity of controlling
the timing or power management during mode changes.
Figure 10. State machine at power -up and user mode transitions
The power down mode is entered and exited by driving the hardware CE signal. Transitions
between all other modes are initiated by I²C transactions from the host system or
automatically after time-outs.
Supplies Off
Standby
Power-Down
CE pin LOW
CE pin
Pause Mode
Supplies
turned-off
Supplies
turned-on
& CE pin LOW
Supplies
turned-off
1
Stop Mode
Run Mode
HIGH
State Machine at power-up
I2C controlled user mode transitions
Uninitialised
-
Flashgun
Note; Depending on the snapshot
exit transition settings the device will
revert to RUN or PAUSE state
automatically after snapshot
It is possible to enter any of
the user modes direct from the
uninitialised state via an I2C
command
System state changes
Host initiated state
changes
Snapshot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com