Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 8Page - STMicroelectronics VS6724 Datasheet HTML 9Page - STMicroelectronics VS6724 Datasheet HTML 10Page - STMicroelectronics VS6724 Datasheet HTML 11Page - STMicroelectronics VS6724 Datasheet HTML 12Page - STMicroelectronics VS6724 Datasheet HTML 13Page - STMicroelectronics VS6724 Datasheet HTML 14Page - STMicroelectronics VS6724 Datasheet HTML 15Page - STMicroelectronics VS6724 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
Functional description
VS6724
12/118
2.3
Sensor array
The VS6724 physical pixel array is 1616 x 1216 pixels (see
Figure 3), with a pixel size of
2.2 µm by 2.2 µm. The image size read from the array is mode dependent. For UXGA mode
the image size read from the array is 1608x1208. For SVGA mode it is 1616x1208.
Figure 3.
Sensor array
2.3.1
Sensor mode control
The VS6724 can operate it’s sensor array in two modes controlled by register SensorMode
within
Mode setup.
●
SensorMode_UXGA - the full array can be read out at 30 fps and the VS6724 can
achieve:
–
30 fps JPEGs up to UXGA
–
30 fps YCbCr or RGB up to SVGA
–
15 fps YCbCr or RGB over SVGA
●
SensorMode_SVGA_analogue binning - this is a reduced power mode which uses the
full array and a technique of analogue binning output SVGA at up to 30 fps.
2.3.2
Horizontal mirror and vertical flip
The image data output from the VS6724 can be mirrored horizontally or flipped vertically (or
both).
4 Dummy Rows
4 Border Rows
Visible array
1600 x 1200 pixels
1600 pixels
1608 pixels
1616 pixels
4 Dummy Rows
4 Border Rows
(1608x1208 including borders)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com